Electronic Components Datasheet Search
  English  ▼

X  

24LC515 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC515
Description  512K I2C??CMOS Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC515 Datasheet(HTML) 1 Page - Microchip Technology

  24LC515 Datasheet HTML 1Page - Microchip Technology 24LC515 Datasheet HTML 2Page - Microchip Technology 24LC515 Datasheet HTML 3Page - Microchip Technology 24LC515 Datasheet HTML 4Page - Microchip Technology 24LC515 Datasheet HTML 5Page - Microchip Technology 24LC515 Datasheet HTML 6Page - Microchip Technology 24LC515 Datasheet HTML 7Page - Microchip Technology 24LC515 Datasheet HTML 8Page - Microchip Technology 24LC515 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2005 Microchip Technology Inc.
DS21673F-page 1
24AA515/24LC515/24FC515
Device Selection Table
Features:
• Low-power CMOS technology:
- Maximum write current 3 mA at 5.5V
- Maximum read current 500
μA at 5.5V
- Standby current 100 nA, typical at 5.5V
• 2-wire serial interface bus, I2C™ compatible
• Cascadable for up to four devices
• Self-timed erase/write cycle
• 64-byte Page Write mode available
• 5 ms max. write cycle time
• Hardware write-protect for entire array
• Output slope control to eliminate ground bounce
• Schmitt Trigger inputs for noise suppression
• 100,000 erase/write cycles
• Electrostatic discharge protection > 4000V
• Data retention > 200 years
• 8-pin PDIP, SOIC packages
• Temperature ranges:
- Industrial (I):
-40
°C to +85°C
Description:
The Microchip Technology Inc. 24AA515/24LC515/
24FC515 (24XX515*) is a 64K x 8 (512K bit) Serial
Electrically Erasable PROM, capable of operation
across a broad voltage range (1.8V to 5.5V). It has
been developed for advanced, low power applications
such as personal communications or data acquisition.
This device has both byte write and page write capabil-
ity of up to 64 bytes of data. This device is capable of
both random and sequential reads. Reads may be
sequential within address boundaries 0000h to 7FFFh
and 8000h to FFFFh. Functional address lines allow up
to four devices on the same data bus. This allows for up
to 2 Mbits total system EEPROM memory. This device
is available in the standard 8-pin plastic DIP and SOIC
packages.
Package Type
Block Diagram
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA515
1.8-5.5V
400 kHz†
I
24LC515
2.5-5.5V
400 kHz
I
24FC515
2.5-5.5V
1 MHz
I
†100 kHz for VCC < 2.5V.
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP
SOIC
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense AMP
R/W Control
Memory
Control
Logic
I/O
Control
Logic
I/O
A0A1
SDA
SCL
VCC
VSS
WP
512K I2C™ CMOS Serial EEPROM
*24XX515 is used in this document as a generic part number
for the 24AA515/24LC515/24FC515 devices.


Similar Part No. - 24LC515

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
512K I2C CMOS Serial EEPROM
2003
24LC515 MICROCHIP-24LC515 Datasheet
352Kb / 24P
512K I2C??CMOS Serial EEPROM
2008
24LC515-I/P MICROCHIP-24LC515-I/P Datasheet
352Kb / 24P
512K I2C??CMOS Serial EEPROM
2008
24LC515-I/SM MICROCHIP-24LC515-I/SM Datasheet
352Kb / 24P
512K I2C??CMOS Serial EEPROM
2008
24LC515T MICROCHIP-24LC515T Datasheet
352Kb / 24P
512K I2C??CMOS Serial EEPROM
2008
More results

Similar Description - 24LC515

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
512K I2C CMOS Serial EEPROM
2003
24AA512 MICROCHIP-24AA512 Datasheet
420Kb / 26P
512K I2C CMOS Serial EEPROM
2004
24AA512 MICROCHIP-24AA512_05 Datasheet
490Kb / 26P
512K I2C??CMOS Serial EEPROM
2005
24AA512 MICROCHIP-24AA512_08 Datasheet
419Kb / 28P
512K I2C??CMOS Serial EEPROM
2008
24AA515 MICROCHIP-24AA515_08 Datasheet
352Kb / 24P
512K I2C??CMOS Serial EEPROM
2008
24LC512 MICROCHIP-24LC512 Datasheet
702Kb / 36P
512K I2C??Serial EEPROM
2010
24LC512I-SM MICROCHIP-24LC512I-SM Datasheet
702Kb / 36P
512K I2C??Serial EEPROM
2010
24LC512TISM MICROCHIP-24LC512TISM Datasheet
702Kb / 36P
512K I2C??Serial EEPROM
2010
24FC512-I MICROCHIP-24FC512-I Datasheet
702Kb / 36P
512K I2C Serial EEPROM
01/05/10
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
I2C CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com