Electronic Components Datasheet Search
  English  ▼

X  

20F60HF Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 20F60HF
Description  FAST RECOVERY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

20F60HF Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  20F60HF Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 20F60HF Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 20F60HF Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 20F60HF Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 20F60HF Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 20F60HF Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
20F60HF
版本:202212B
2/6
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
项
目
Parameter
符 号
Symbol
数 值
Value
单 位
Unit
最大反向重复峰值电压
Repetitive peak reverse voltage
VRRM
600
V
正向平均整流电流
Average forward Current
T
B
C
B
=100℃
IF(AV)
20
A
峰值单脉冲浪涌电流
Peak one Cycle Surge Forward
Current(Non-Repetitive)
t=10ms
IFSM
200
A
结温 Junction Temperature
Tj
-50~+150
℃
储存温度 Storage temperature range
TSTG
-50~+150
℃
安装扭矩 Torque(to heatsink)
Torque
4.0-6.0
Kg·cm
电特性 ELECTRICAL CHARACTERISTICS (Tc=25℃ unless otherwise specified)
热特性 THERMAL CHARACTERISTICS(maximum)Per Diode
项
目
Parameter
符
号
Symbol
最大值
Value(max)
单 位
Unit
结到管壳的热阻
Thermal Resistance Junction to Case
Rth(j-c)
3.5
℃/W
结到环境的热阻
Thermal Resistance Junction to ambient
Rth(j-A)
60
℃/W
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
VR
IR =50μA
600
700
-
V
IR
Tj =25
℃
VR=VRRM
-
-
10
μA
Tj =125
℃
-
-
200
μA
VF
Tj =25
℃
IF=20A
-
1.5
1.9
V
Tj =125
℃
-
-
1.7
V
Trr
IF=0.5A,IR=1.0A,IRR=0.25A
-
30
45
ns
Trr
IF=20A, VR=400V, diF/dt=300A/μs
Tj =25
℃
-
101.5
-
ns
Qrr
-
237.27
-
nc
IRM
-
4.48
-
A
Trr
IF=20A, VR=400V, diF/dt=300A/μs
Tj =125
℃
-
128.2
-
ns
Qrr
-
854.34
-
nc
IRM
-
10.84
-
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com