Electronic Components Datasheet Search
  English  ▼

X  

30F120WT Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 30F120WT
Description  FAST RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

30F120WT Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  30F120WT Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120WT Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120WT Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120WT Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120WT Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
30F120WT
版本:202309D
2/5
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
项
目
Parameter
符
号
Symbol
数 值
Value
单 位
Unit
最大反向重复峰值电压
Max Repetitive peak reverse voltage
VRRM
1200
V
正向平均整流电流
T
B
C
B
=125℃
Average forward current
IF(AV)
30
A
峰值单脉冲浪涌电流
Peak one Cycle Surge Forward Current (Non-Repetitive)
t=8.3ms
IFSM
210
A
雪崩耐量
Avalanche Energy (1A, 40mH)
EAVL
20
mJ
结温
Junction Temperature
Tj
-55~+175
℃
储存温度
Storage temperature range
TSTG
-55~+175
℃
电特性 ELECTRICAL CHARACTERISTICS (Tc=25℃ unless otherwise specified)
热特性 THERMAL CHARACTERISTICS
项
目
Parameter
符
号
Symbol
最大值
Value(max)
单
位
Unit
结到管壳的热阻
Thermal resistance from junction to case
TO-247-2L
Rth(j-c)
0.55
℃/W
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
VR
IR =50μA
1200
V
IR
Tj =25℃
VR=VRRM
100
μA
Tj =125℃
500
μA
VF
Tj =25℃
IF=30A
2.7
3.3
V
Tj =125℃
2.9
V
trr
IF=1A,VR=30V, diF/dt=-100A/μs
45
ns
trr
IF=30A,VR=200V, diF/dt=-200A/μs
Tj =25℃
43
ns
Qrr
79
nc
IRRM
3.3
A
trr
IF=30A, VR=200V, diF/dt=-200A/μs
Tj =125℃
207
ns
Qrr
583
nc
IRRM
6.2
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com