Electronic Components Datasheet Search
  English  ▼

X  

60F60A3 Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 60F60A3
Description  FAST RECOVER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

60F60A3 Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  60F60A3 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60A3 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60A3 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60A3 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 60F60A3 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
60F60A3
版本:202107A
2/5
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
项
目
Parameter
符 号
Symbol
数 值
Value
单 位
Unit
最大反向重复峰值电压
Repetitive peak reverse voltage
VRRM
600
V
最大反向工作峰值电压
Working Peak Reverse Voltage
VRWM
600
V
平均正向整流电流
TC
B
=100℃
Average Forward Rectified Curren
Per Package
Per Diode
IF(AV)
60
30
A
非重复浪涌正向电流
Non-Repetitive Surge Forward Current
t=8.3ms
IFSM
250
A
雪崩能量
Avalanche Energy(per diode) L=40mH
EAVL
20
mJ
结温 Junction Temperature
Tj
-50~+150
℃
储存温度 Storage temperature range
TSTG
-50~+150
℃
电特性 ELECTRICAL CHARACTERISTICS (Tc=25℃ unless otherwise specified) per diode
热特性 THERMAL CHARACTERISTICS
项
目
Parameter
符
号
Symbol
最大值
Value(max)
单
位
Unit
结到管壳的热阻
Thermal Resistance Junction to Case
Rth(j-c)
2.5
℃/W
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
VR
IR =50μA
600
700
-
V
IR
Tj =25℃
VR=VRRM
-
-
20
μA
Tj =125℃
-
-
200
μA
VF
Tj =25℃
IF=30A
-
1.9
2.5
V
Tj =125℃
-
-
2.1
V
Trr
IF=1A, VR=30V, diF/dt=-200A/μs
-
26
35
ns
Trr
IF=30A, VR=200V, diF/dt=200A/μs
Tj =25℃
-
30
-
ns
IRM
-
1.5
-
A
Qrr
-
23
-
nc
Trr
IF=30A, VR=200V, diF/dt=200A/μs
Tj =125℃
-
86
-
ns
IRM
-
3.7
-
A
Qrr
-
160
-
nc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com