Electronic Components Datasheet Search
  English  ▼

X  

AJCS10N65CT Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # AJCS10N65CT
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

AJCS10N65CT Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  AJCS10N65CT Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. AJCS10N65CT Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. AJCS10N65CT Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. AJCS10N65CT Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. AJCS10N65CT Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. AJCS10N65CT Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. AJCS10N65CT Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. AJCS10N65CT Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本:202104B
1/8
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
封装 Package
AJCS10N65CT
订 货 型 号 Order codes
印
记
Marking
封
装
Package
有卤-条管
Halogen-Tube
无卤-条管
Halogen-Free-Tube
有卤-编带
Halogen-Reel
无卤-编带
Halogen-Free-Reel
AJCS10N65CT-C-B
AJCS10N65CT-C-BR
N/A
N/A
AJCS10N65CT
TO-220C
主要参数
MAIN
CHARACTERISTICS
ID
10A
VDSS
650V
Rdson-max
(@Vgs=10V)
0.95
Ω
Qg-typ
34 nC
用途
 电子镇流器
 UPS 电源
 汽车应用
 高频开关电源
APPLICATIONS
 Electronic ballast
 UPS
 Automotive applications
 High
frequency
switching
mode power supply
产品特性
符合 AEC Q101 标准
低栅极电荷
低 C
rss (典型值 20pF)
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
RoHS 产品
FEATURES
Comply with AEC Q101 standard
Low gate charge
Low C
rss (typical 20pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息 ORDER MESSAGE


Similar Part No. - AJCS10N65CT

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
AJCS160N08I JSMC-AJCS160N08I Datasheet
461Kb / 8P
N-CHANNEL MOSFET
202104A
AJCS160N08I-C-B JSMC-AJCS160N08I-C-B Datasheet
461Kb / 8P
N-CHANNEL MOSFET
202104A
More results

Similar Description - AJCS10N65CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com