Electronic Components Datasheet Search
  English  ▼

X  

HL6366DG Datasheet(PDF) 3 Page - Opnext. Inc.

Part # HL6366DG
Description  Low Operating Current Visible High Power Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6366DG Datasheet(HTML) 3 Page - Opnext. Inc.

  HL6366DG Datasheet HTML 1Page - Opnext. Inc. HL6366DG Datasheet HTML 2Page - Opnext. Inc. HL6366DG Datasheet HTML 3Page - Opnext. Inc. HL6366DG Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HL6366DG/67DG
Rev.2 Dec. 21, 2006 page 3 of 4
Package Dimensions
1
2
3
5.6
+0
–0.025
φ
1.0 ± 0.1
(0.4)
1.6 ± 0.2
φ
φ
φ
4.1 ± 0.3
3.55 ± 0.1
φ
3 –
0.45 ± 0.1
φ
1
2
3
2.0 ± 0.2
Emitting Point
As of May, 2006
Preliminary
Unit: mm
OPJ Code
JEDEC
JEITA
Mass (reference value)
LD/DG
—
—
0.35g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com