Electronic Components Datasheet Search
  English  ▼

X  

HL6367DG Datasheet(PDF) 2 Page - Opnext. Inc.

Part # HL6367DG
Description  Low Operating Current Visible High Power Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6367DG Datasheet(HTML) 2 Page - Opnext. Inc.

  HL6367DG Datasheet HTML 1Page - Opnext. Inc. HL6367DG Datasheet HTML 2Page - Opnext. Inc. HL6367DG Datasheet HTML 3Page - Opnext. Inc. HL6367DG Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HL6366DG/67DG
Rev.2 Dec. 21, 2006 page 2 of 4
Typical Characteristic Curves
Case temperature, TC (°C)
Slope Efficiency vs. Case Temperature
1.2
1.0
0.6
0.8
0.4
0
0
10
20
30
40
50
60
Case temperature, TC (°C)
Threshold Current vs. Case Temperature
060
50
40
30
20
10
1000
10
0.2
100
Angle,
θ ( ° )
Far Feild Pattern
–40
–10
0
102030
–20
–30
40
1.0
0.8
0.6
0.4
0.2
0
PO = 80mW
TC = 25°C
Perpendicular
Parallel
Case temperature, TC (°C)
Wavelength vs. Case Temperature
040
20
650
640
635
60
645
630
0
Case temperature, TC (°C)
50
60
10
40
30
20
0.8
0.6
0.4
0.2
0
Monitor Current vs. Case Temperature
10
30
50
PO = 80 mW
VR(PD) = 5 V
PO = 80mW
0250
200
150
100
50
100
80
60
40
20
0
Foward current, IF (mA)
Optical Output Power vs. Forward Current
50°C
25°C
TC = 0°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com