Electronic Components Datasheet Search
  English  ▼

X  

TDA8566TH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8566TH
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8566TH Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8566TH Datasheet HTML 1Page - NXP Semiconductors TDA8566TH Datasheet HTML 2Page - NXP Semiconductors TDA8566TH Datasheet HTML 3Page - NXP Semiconductors TDA8566TH Datasheet HTML 4Page - NXP Semiconductors TDA8566TH Datasheet HTML 5Page - NXP Semiconductors TDA8566TH Datasheet HTML 6Page - NXP Semiconductors TDA8566TH Datasheet HTML 7Page - NXP Semiconductors TDA8566TH Datasheet HTML 8Page - NXP Semiconductors TDA8566TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2001 Apr 24
3
Philips Semiconductors
Objective specification
2
× 40 W/2 Ω stereo BTL car radio power amplifier
with differential inputs and diagnostic outputs
TDA8566TH
BLOCK DIAGRAM
handbook, full pagewidth
+
−
+
−
CM
VA
(9
×)
2.3 k
Ω
2.3
k
Ω
mute
switch
+
−
+
−
CM
VA
VA
1
×
standby
reference
voltage
standby
switch
mute
reference
voltage
Vref
mute
switch
CLIP
(9
×)
2.3 k
Ω
2.3
k
Ω
60
k
Ω
60
k
Ω
60
k
Ω
60
k
Ω
mute
switch
+
−
+
−
CM
VA
(9
×)
2.3 k
Ω
2.3
k
Ω
mute
switch
+
−
+
−
CM
VA
17
14
18
16
1
11
TDA8566TH
20
15
13
19
12
8
9
10
2
3
VP2
VP1
PGND2
PGND1
OUT2
−
OUT2
+
OUT1
−
OUT1
+
IN1
−
IN1
+
IN2
−
IN2
+
SGND
n.c.
DIAG
MODE
CLIP
MGU358
(9
×)
2.3 k
Ω
2.3
k
Ω
mute
switch
4, 5,
6, 7
DIAG
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com