Electronic Components Datasheet Search
  English  ▼

X  

CS1615M1A Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # CS1615M1A
Description  Thyristors(SCR)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

CS1615M1A Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  CS1615M1A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS1615M1A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS1615M1A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS1615M1A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS1615M1A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS1615M1A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS1615M1A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS1615M1A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS1615M1A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
版本:201912B
1/9
R
反向阻断三极晶闸管
Thyristors(SCR)
CS1615M1A
订 货 型 号 Order codes
印
记
Marking
封
装
Package
有卤-条管
无卤-条管
有卤-袋装
无卤-袋装
Halogen-Tube
halogen-Free-Tube
Halogen-Bag
Halogen-Free- Bag
CS1615M1A-C-B
CS1615M1A-C-BR
NA
NA
CS1615M
1A
TO-220C
有卤-条管
无卤-条管
有卤-袋装
无卤-袋装
CS1615M
TO-220MF
主要参数
MAIN CHARACTERISTICS
IT(RMS)
16A
VDRM/VRRM
600V/800V
IGT
1-15mA
封装 Package
序号
Pin
引线名称
Description
1
阴极
K
2
阳极
A
3
门极
G
TO-220C
TO-220MF-K1
DPAK
TO-263
TO-262
IPAK
用途
半交流开关
相位控制
APPLICATIONS
 Half AC switching
 Phase control
产品特性
玻璃钝化芯片,高可靠性和一致性
低通态电流和高浪涌电流能力
环保 RoHS 产品
FEATURES
 Glass-passivated mesa chip for reliability and uniform
 Low on-state voltage and High I
TSM
 RoHS products
订货信息 ORDER MESSAGE


Similar Part No. - CS1615M1A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1615 APEX-CS1615 Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
CS1615 CIRRUS-CS1615 Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DCController for LED Lamps
CS1615-FSZ APEX-CS1615-FSZ Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
CS1615-FSZR APEX-CS1615-FSZR Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
CS1615-FZZ APEX-CS1615-FZZ Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
More results

Similar Description - CS1615M1A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
SCR
Mar-1995
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
SCR / SCR and SCR / DIODE
logo
NEC
2S2M NEC-2S2M Datasheet
188Kb / 6P
THYRISTORS 2 A HIGH-SPEED SWITCHING SCR
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
SCR/SCR and SCR/Diode
17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
SCR/SCR and SCR/Diode
17-Jul-14
logo
Littelfuse
SV6016DX LITTELFUSE-SV6016DX Datasheet
747Kb / 6P
Thyristors 16 Amp High Junction Temperature SCR in DPAK pacakge
Revised: 04/17/20
logo
STMicroelectronics
TN1610H-6I STMICROELECTRONICS-TN1610H-6I Datasheet
224Kb / 10P
16 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2010H-6I STMICROELECTRONICS-TN2010H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2015H-6I STMICROELECTRONICS-TN2015H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
logo
Renesas Technology Corp
3P4MH RENESAS-3P4MH Datasheet
373Kb / 8P
THYRISTORS 3 A MOLD SCR
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com