Electronic Components Datasheet Search
  English  ▼

X  

JCS2N70C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS2N70C
Description  N-CHANNEL MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS2N70C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS2N70C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
R
版本:202007D
1/11
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
JCS2N70C
订 货 型 号 Order codes
Marking
器件重量
Device
Weight
Package
有卤-条管
Halogen-Tube
无卤-条管
Halogen-Free-Tube
有卤-编带
Halogen-Reel
无卤-编带
Halogen-Free-Reel
JCS2N70VC-V-B
JCS2N70VC-V-BR
N/A
N/A
JCS2N70V
0.35g(typ)
IPAK
JCS2N70RC-R-B
JCS2N70RC-R-BR
JCS2N70RC-R-A
JCS2N70RC-R-AR
JCS2N70R
0.30g(typ)
DPAK
N/A
N/A
N/A
JCS2N70NLC-NL-AR
2N70NL
0.109g(typ)
SOT-223-2L
封装 Package
主要参数
MAIN
CHARACTERISTICS
ID
2A
VDSS
700 V
Rdson-max
(Vgs=10V)
6.5
Qg-typ
10.6nC
用途
 高频开关电源
 电子镇流器
 UPS 电源
APPLICATIONS
 High efficiency switch
mode power supplies
 Electronic lamp ballasts
based on half bridge
 UPS
产品特性
低栅极电荷
低 Crss (典型值 7pF)
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low Crss (typical 7pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息 ORDER MESSAGE
SOT-223-2L


Similar Part No. - JCS2N70C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS2N70CH-O-C-N-B JSMC-JCS2N70CH-O-C-N-B Datasheet
8Mb / 13P
N-CHANNEL MOSFET
More results

Similar Description - JCS2N70C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com