Electronic Components Datasheet Search
  English  ▼

X  

24LC01B Datasheet(PDF) 23 Page - Microchip Technology

Part # 24LC01B
Description  1K I2C??Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC01B Datasheet(HTML) 23 Page - Microchip Technology

Back Button 24LC01B Datasheet HTML 18Page - Microchip Technology 24LC01B Datasheet HTML 19Page - Microchip Technology 24LC01B Datasheet HTML 20Page - Microchip Technology 24LC01B Datasheet HTML 21Page - Microchip Technology 24LC01B Datasheet HTML 22Page - Microchip Technology 24LC01B Datasheet HTML 23Page - Microchip Technology 24LC01B Datasheet HTML 24Page - Microchip Technology 24LC01B Datasheet HTML 25Page - Microchip Technology 24LC01B Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2007 Microchip Technology Inc.
DS21711G-page 23
24AA01/24LC01B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA01:
=
1.7V, 1 Kbit I2C™ Serial EEPROM
24AA01T:
=
1.7V, 1 Kbit I2C Serial EEPROM
(Tape and Reel)
24LC01B:
=
2.5V, 1 Kbit I2C Serial EEPROM
24LC01BT: =
2.5V, 1 Kbit I2C Serial EEPROM
(Tape and Reel)
Temperature
Range:
I
= -40°C to +85°C
E
= -40°C to +125°C
Package:
MC = 2x3 DFN, 8-lead
P
= Plastic DIP (300 mil body), 8-lead
SN
= Plastic SOIC (3.90 mm body), 8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
MS = Plastic Micro Small Outline (MSOP), 8-lead
OT
= SOT-23, 5-lead (Tape and Reel only)
Examples:
a)
24AA01-I/P: Industrial Temperature,1.7V
PDIP package
b)
24AA01-I/SN: Industrial Temperature,
1.7V, SOIC package
c)
24AA01T-I/OT: Industrial Temperature,
1.7V, SOT-23 package, tape and reel
d)
24LC01B-I/P: Industrial Temperature,
2.5V, PDIP package
e)
24LC01B-E/SN: Extended Temperature,
2.5V, SOIC package
f)
24LC01BT-I/OT: Industrial Temperature,
1.7V, SOT-23 package, tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com