Electronic Components Datasheet Search
  English  ▼

X  

93LC66 Datasheet(PDF) 2 Page - Microchip Technology

Part # 93LC66
Description  1K/2K/4K 2.5V Microwire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66 Datasheet(HTML) 2 Page - Microchip Technology

  93LC66 Datasheet HTML 1Page - Microchip Technology 93LC66 Datasheet HTML 2Page - Microchip Technology 93LC66 Datasheet HTML 3Page - Microchip Technology 93LC66 Datasheet HTML 4Page - Microchip Technology 93LC66 Datasheet HTML 5Page - Microchip Technology 93LC66 Datasheet HTML 6Page - Microchip Technology 93LC66 Datasheet HTML 7Page - Microchip Technology 93LC66 Datasheet HTML 8Page - Microchip Technology 93LC66 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
93LC46/56/66
DS21712B-page 2
 2004 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ........................................................................................................ -0.6V to VCC + 1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ................................................................................................-40°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4kV
DC C
HARACTERISTICS
† NOTICE: Stresses above those listed under “Maximum ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
VCC = +2.5V to +5.5V
Industrial (I): TA = -40°C to +85°C
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
D1
VIH1
High-level input voltage
2.0
VCC +1
V
VCC
≥ 2.7V
VIH2
0.7 VCC
—VCC +1
V
VCC
≥ 2.7V
D2
VIL1
Low-level input voltage
-0.3
0.8
V
VCC
≥ 2.7V
VIL2
-0.3
0.2 VCC
VVCC
≥ 2.7V
D3
VOL1
Low-level output voltage
0.4
V
IOL = 2.1 mA, VCC = 4.5V
VOL2—
0.3
V
IOL = 100
µA, VCC = 2.5V
D4
VOH1
High-level output voltage
2.4
V
IOL = 400
µA, VCC = 4.5V
VOH2VCC -0.2
V
IOL = 100
µA, VCC = 2.5V
D5
ILI
Input leakage current
±10
µAVIN = 0.1V to VCC
D6
ILO
Output leakage current
±10
µAVOUT = 0.1V to VCC
D7
CIN,
COUT
Pin capacitance
(all inputs/outputs)
——
7
pF
VIN/VOUT = 0V (Note 1 & 2)
TA = 25°C, FCLK = 1 MHz
D8
ICC write
Operating current
3
mA
FCLK = 2 MHz, VCC = 5.5V
(Note 2)
D9
ICC read
100
1
500
mA
µA
µA
FCLK = 2 MHz, VCC = 5.5V
FCLK = 1 MHz, VCC = 3.0V
FCLK = 1 MHz, VCC = 2.5V
D10
ICCS
Standby current
3
100
30
µA
µA
µA
CLK = CS = 0V; VCC = 5.5V
CLK = CS = 0V; VCC = 3.0V
CLK = CS = 0V; VCC = 2.5V
ORG, DI = VSS or VCC
Note 1:
This parameter is tested at TA = 25°C and FCLK = 1 MHz.
2:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com