Electronic Components Datasheet Search
  English  ▼

X  

MCP3221 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP3221
Description  Low Power 12-Bit A/D Converter With I2C??Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3221 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP3221_06 Datasheet HTML 5Page - Microchip Technology MCP3221_06 Datasheet HTML 6Page - Microchip Technology MCP3221_06 Datasheet HTML 7Page - Microchip Technology MCP3221_06 Datasheet HTML 8Page - Microchip Technology MCP3221_06 Datasheet HTML 9Page - Microchip Technology MCP3221_06 Datasheet HTML 10Page - Microchip Technology MCP3221_06 Datasheet HTML 11Page - Microchip Technology MCP3221_06 Datasheet HTML 12Page - Microchip Technology MCP3221_06 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2006 Microchip Technology Inc.
DS21732C-page 9
MCP3221
Note: Unless otherwise indicated, VDD = 5V, VSS = 0V, I2C Fast Mode Timing (SCL = 400 kHz), Continuous Conversion
Mode (fSAMP = 22.3 ksps), TA = +25°C.
FIGURE 2-25:
ENOB vs. VDD.
FIGURE 2-26:
SFDR vs. Input Frequency.
FIGURE 2-27:
Spectrum Using I2C™ Fast
Mode (Representative Part, 1 kHz Input
Frequency).
FIGURE 2-28:
ENOB vs. Input Frequency.
FIGURE 2-29:
Spectrum Using I2C™
Standard Mode (Representative Part, 1 kHz
Input Frequency).
FIGURE 2-30:
IDD (Conversion) vs. VDD.
11.5
11.55
11.6
11.65
11.7
11.75
11.8
11.85
11.9
11.95
12
2.533.5
4
4.5
55.5
VDD (V)
0
10
20
30
40
50
60
70
80
90
100
110
Input Frequency (kHz)
VDD = 2.7V
VDD = 5V
-130
-110
-90
-70
-50
-30
-10
10
0
2000
4000
6000
8000
10000
Frequency (Hz)
9
9.5
10
10.5
11
11.5
12
110
Input Frequency (kHz)
VDD = 2.7V
VDD = 5V
-130
-110
-90
-70
-50
-30
-10
10
0
500
1000
1500
2000
2500
Frequency (Hz)
fSAMP = 5.6 ksps
0
50
100
150
200
250
2.5
3
3.544.5
55.5
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com