Electronic Components Datasheet Search
  English  ▼

X  

SA03 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA03
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA03 Datasheet(HTML) 1 Page - Cirrus Logic

  SA03_06 Datasheet HTML 1Page - Cirrus Logic SA03_06 Datasheet HTML 2Page - Cirrus Logic SA03_06 Datasheet HTML 3Page - Cirrus Logic SA03_06 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• WIDE SUPPLY RANGE—16-100V
• 30A CONTINUOUS TO 60°C case
• 3 PROTECTION CIRCUITS
• ANALOG OR DIGITAL INPUTS
• SYNCHRONIZED OR EXTERNAL OSCILLATOR
• FLEXIBLE FREQUENCY CONTROL
APPLICATIONS
• MOTORS TO 4HP
• REACTIVE LOADS
• LOW FREQUENCY SONAR
• LARGE PIEZO ELEMENTS
• OFF-LINE DRIVERS
• C-D WELD CONTROLLER
DESCRIPTION
The SA03 is a pulse width amplifier that can supply 3000W
to the load. An internal 45kHz oscillator requires no external
components. The clock input stage divides the oscillator
frequency by two, which provides the basic switching of
22.5 kHz. External oscillators may also be used to lower the
switching frequency or to synchronize multiple amplifiers.
Current sensing is provided for each half of the bridge giv-
ing amplitude and direction data. A shutdown input turns off
all four drivers of the H bridge output. A high side current
limit and the programmable low side current limit protect the
amplifier from shorts to supply or ground in addition to load
shorts. The H bridge output MOSFETs are protected from
thermal overloads by directly sensing the temperature of the
die. The 12-pin hermetic MO-127 power package occupies
only 3 square inches of board space.
BLOCK DIAGRAM AND TYPICAL APPLICATION
EXTERNAL CONNECTIONS
M I C R O T E C H N O L O G Y
SA03
12-PIN POWER DIP
PACKAGE STYLE CR


Similar Part No. - SA03_06

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SA03D0524A DELTA-SA03D0524A Datasheet
204Kb / 4P
2W DC/DC CONVERTER, SMD-Package, High isolation
SA03S0524A DELTA-SA03S0524A Datasheet
204Kb / 4P
2W DC/DC CONVERTER, SMD-Package, High isolation
More results

Similar Description - SA03_06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA55 ETC-SA55 Datasheet
40Kb / 2P
PULSE WIDTH MODULATION AMPLIFIER
logo
Cirrus Logic
MSA240 APEX-MSA240 Datasheet
305Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56 Datasheet
541Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305 Datasheet
562Kb / 6P
PULSE WIDTH MODULATION AMPLIFIER
MSA260 CIRRUS-MSA260 Datasheet
692Kb / 8P
Pulse Width Modulation Amplifier
SA01 APEX-SA01_07 Datasheet
317Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56_07 Datasheet
370Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305_07 Datasheet
428Kb / 8P
PULSE WIDTH MODULATION AMPLIFIER
SA03 CIRRUS-SA03 Datasheet
210Kb / 5P
Pulse Width Modulation Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com