Electronic Components Datasheet Search
  English  ▼

X  

RCP-021 Datasheet(PDF) 2 Page - Same Sky Devices

Part # RCP-021
Description  RCA PLUG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

RCP-021 Datasheet(HTML) 2 Page - Same Sky Devices

  RCP-021 Datasheet HTML 1Page - Same Sky Devices RCP-021 Datasheet HTML 2Page - Same Sky Devices RCP-021 Datasheet HTML 3Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SAME SKY | SERIES: RCP-02 | DESCRIPTION: RCA PLUG
date 09/12/2024 | page 2 of 3
sameskydevices.com
MECHANICAL DRAWING
MATERIAL
PLATING
barrel
brass
nickel
cover
PE
color
barrel housing
ABS
color
8.20.323
51.5 2.028
6.30.248
24.00.945
3.20.126
11.9 0.469
0.461
11.7
9.00.354
0.421
10.7
5.00.197
6.40.252
units: mm[inches]
tolerance: ±0.3 mm
unless otherwise specified
Additional Resources: Product Page



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com