Electronic Components Datasheet Search
  English  ▼

X  

HSM526 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HSM526
Description  CRYSTAL CONTROLLED OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HSM526 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HSM526 Datasheet HTML 1Page - List of Unclassifed Manufacturers HSM526 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield models
HSM546, HSM516, HSM526 and
HSM536 are 5.0V HCMOS,
Surface Mount, Fixed Frequency
Crystal Oscillators (XO) designed
for use in all applications requiring
precision clocks over the 0 to 70°C,
Commercial Temperature Range.
The surface mount package is
designed for high-density mounting
and is optimum for mass
production.
1
2
HSM536
-
50 MHz
CLOCK
SERIES
CENTER
FREQUENCY
1.8 to 80 MHz
5.0V OPERATION
TRI-STATE ENABLE / DISABLE FUNCTION
OVERALL FREQUENCY TOLERANCE:
HSM546 ±20ppm
HSM516 ±25ppm
HSM526 ±50ppm
HSM536 ±100ppm
TEMPERATURE RANGE: 0 to 70°C
CERAMIC SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT / Pb FREE
5.0V SURFACE MOUNT 11x6.35mm
HCMOS CLOCK OSCILLATOR
Sm003
12
08/24/05
ORDERING INFORMATION
FEATURES
DESCRIPTION
HSM546, HSM516
HSM526, HSM536
Dimensional Tolerance: ±.02” (.508mm)
±.005” (.127mm)
PAD
CONNECTION
1
ENABLE/DISABLE
2
GROUND
3
OUTPUT
4
Vcc
.252
(6.35mm)
.433
(11.05mm)
.200
(5.08mm)
.104
(2.67mm)
.098
(2.54mm)
.043
(1.14mm)
Typical
4 Places
ABSOLU TE MAXI MUM RAT INGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
MODEL SPECIFICATIONS:
TABLE 2.0
MODEL HSM546
Frequency Range
(Fo)
1.8
-
80
MHz
Frequency Tolerance:
-20
-
20
ppm
1
MODEL HSM516
Frequency Range
(Fo)
1.8
-
80
MHz
Frequency Tolerance:
-25
-
25
ppm
1
MODEL HSM526
Frequency Range
(Fo)
1.8
-
80
MHz
Frequency Tolerance:
-50
-
50
ppm
1
MODEL HSM536
Frequency Range
(Fo)
1.8
-
80
MHz
Frequency Tolerance:
-100
-
100
ppm
1
OPERATING SPECIFICATIO NS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vdd)
4.5
5.0
5.5
Vdc
Supply Current
1.8 to 19.999 MHz
(Icc)
-
-
20
mA
20 to 49.999 MHz
(Icc)
-
-
30
mA
50 to 69.999 MHz
(Icc)
-
-
50
mA
70 to 80.0 MHz
(Icc)
-
-
80
mA
INPUT CHARACTERISTICS
TABLE 4.0
Enable Voltage
(Vih)
2.2
-
-
Vdc
2
Disable Voltage
(Vil)
-
-
.08
Vdc
Enable Time
-
-
100
nS
Disable Time
-
-
100
nS
HCMOS OUTPUT CHARACTERISTICS
TABLE 5.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
pF
Voltage
(High)
(Voh)
4.50
-
-
Vdc
(Low)
(Vol)
-
-
0.50
Vdc
Current
(High)
(Ioh)
-16
-
-
mA
(Low)
(Ioh)
-
-
16
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
-
5
nS
Start-Up Time
-
-
10
mS
Jitter (BW=10Hz to 20MHz)
-
-
5
ps rms
Jitter (BW=12kHz to 20MHz)
-
-
1
ps rms
Note:
1) Inclusive of calibration @ 25°C, frequency vs. temperature stability, sup ply voltage
change, load change, shock and vibration, 10 years aging.
2) Oscillator output is enabled with no connect ion on pad 1
PACKAG E CHARACTERISTICS
TABLE 6.0
Package
Hermetically sealed ceramic package and metal cover


Similar Part No. - HSM526

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSM526 ETC1-HSM526 Datasheet
141Kb / 2P
HCMOS SURFACE MOUNT TRI-STATE OSCILLATORS
logo
Connor-Winfield Corpora...
HSM526 CONNOR-WINFIELD-HSM526 Datasheet
230Kb / 2P
5.0V SURFACE MOUNT 11x6.35mm HCMOS CLOCK OSCILLATOR
HSM526-50M CONNOR-WINFIELD-HSM526-50M Datasheet
230Kb / 2P
5.0V SURFACE MOUNT 11x6.35mm HCMOS CLOCK OSCILLATOR
More results

Similar Description - HSM526

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS320 TI-SN54LS320 Datasheet
226Kb / 6P
CRYSTAL-CONTROLLED OSCILLATORS
logo
List of Unclassifed Man...
FPLA521 ETC1-FPLA521 Datasheet
61Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS
FPLA524 ETC1-FPLA524 Datasheet
64Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS
FPLA542 ETC1-FPLA542 Datasheet
63Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS
FPLA543 ETC1-FPLA543 Datasheet
61Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS
FPLA544 ETC1-FPLA544 Datasheet
64Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS
GV13-520 ETC1-GV13-520 Datasheet
109Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS
CWX815 ETC1-CWX815 Datasheet
222Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS
OVA5AB1BA ETC2-OVA5AB1BA Datasheet
151Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS
logo
Connor-Winfield Corpora...
ASOV5S3 CONNOR-WINFIELD-ASOV5S3 Datasheet
193Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com