Electronic Components Datasheet Search
  English  ▼

X  

TC642B Datasheet(PDF) 10 Page - Microchip Technology

Part # TC642B
Description  PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC642B Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC642B Datasheet HTML 6Page - Microchip Technology TC642B Datasheet HTML 7Page - Microchip Technology TC642B Datasheet HTML 8Page - Microchip Technology TC642B Datasheet HTML 9Page - Microchip Technology TC642B Datasheet HTML 10Page - Microchip Technology TC642B Datasheet HTML 11Page - Microchip Technology TC642B Datasheet HTML 12Page - Microchip Technology TC642B Datasheet HTML 13Page - Microchip Technology TC642B Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
TC642B/TC647B
DS21756B-page 10
 2003 Microchip Technology Inc.
3.0
PIN FUNCTIONS
The description of the pins are given in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Input (VIN)
The thermistor network (or other temperature sensor)
connects to VIN. A voltage range of 1.20V to 2.60V (typ-
ical) on this pin drives an active duty cycle of 0% to
100% on the VOUT pin.
3.2
Analog Output (CF)
CF is the positive terminal for the PWM ramp generator
timing capacitor. The recommended value for the CF
capacitor is 1.0 µF for 30 Hz PWM operation.
3.3
Analog Input (VMIN)
An external resistor divider connected to VMIN sets the
minimum fan speed by fixing the minimum PWM duty
cycle (1.20V to 2.60V = 0% to 100%, typical). The
TC642B and TC647B devices enter shutdown mode
when 0
≤ VMIN ≤ VSHDN. During shutdown, the FAULT
output is inactive and supply current falls to 30 µA
(typical).
3.4
Analog Input (SENSE)
Pulses are detected at SENSE as fan rotation chops
the current through a sense resistor. The absence of
pulses indicates a fan fault condition.
3.5
Digital (Open-Drain) Output
(FAULT)
The FAULT line goes low to indicate a fault condition.
When FAULT goes low due to a fan fault, the output will
remain low until the fan fault condition has been
removed (16 pulses have been detected at the SENSE
pin in a 32/f period). For the TC642B device, the FAULT
output will also be asserted when the VIN voltage
reaches the VOTF treshold of 2.62V (typical). This gives
an over-temperature/100% fan speed indication.
3.6
Digital Output (VOUT)
VOUT is an active-high complimentary output and
drives the base of an external NPN transistor (via an
appropriate base resistor) or the gate of an N-channel
MOSFET. This output has asymmetrical drive. During a
fan fault condition, the VOUT output is continuously on.
3.7
Power Supply Input (VDD)
The VDD pin with respect to GND provides power to the
device. This bias supply voltage may be independent of
the fan power supply.
Pin
Name
Function
1VIN
Analog Input
2CF
Analog Output
3VMIN
Analog Input
4
GND
Ground
5
SENSE
Analog Input
6FAULT
Digital (Open-Drain) Output
7VOUT
Digital Output
8VDD
Power Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com