Electronic Components Datasheet Search
  English  ▼

X  

78445 Datasheet(PDF) 1 Page - Alpha Wire

Part # 78445
Description  20 (19/32) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

78445 Datasheet(HTML) 1 Page - Alpha Wire

  78445 Datasheet HTML 1Page - Alpha Wire 78445 Datasheet HTML 2Page - Alpha Wire 78445 Datasheet HTML 3Page - Alpha Wire 78445 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 78445
Construction
 
Diameters (In)
1) Component 1
25 X 1 COND
 
a) Conductor
20 (19/32) AWG Tinned Copper
0.040
b) Insulation
0.007" Wall, Nom. Modified Polyphenylene Ether-PE
0.054
(1) Color Code
Alpha Wire Color Code D
Cond Color
Cond Color
Cond Color
1
BLACK
10
SLATE
19
WHITE/YELLOW
2
RED
11
PINK
20
WHITE/BLUE
3
WHITE
12
TAN
21
WHITE/BROWN
4
GREEN
13
RED/GREEN22
WHITE/ORANGE
5
ORANGE 14
RED/YELLOW23
WHITE/SLATE
6
BLUE
15
RED/BLACK 24
WHITE/VIOLET
7
BROWN 16
WHITE/BLACK
25
WHITE/BLACK/RED
8
YELLOW 17
WHITE/RED
 
9
VIOLET
18
WHITE/GREEN
 
2) Cable Assembly
25 Components Cabled
 
a) Twists:
2.5 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
 
a) Foil Direction
Foil Facing In
 
b) Drain Wire
20 (7/28) AWG Tinned Copper
 
4) Jacket
0.015" Wall, Nom.,Modified Polyphenylene Ether-PE
0.362 (0.380 Max.)
a) Color(s)
SLATE
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 78445 25C 20 AWG
ECOCABLE(R) MINI RU AWM 21460 80C 300V VW-1
C(RU) AWM I A/B FT1 80C 300V
CE ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 78445

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
78440 ALPHAWIRE-78440 Datasheet
410Kb / 5P
20 (19/32) AWG Tinned Copper
logo
CommScope Inc.
7844067-00 COMMSCOPE-7844067-00 Datasheet
770Kb / 24P
ERA® Ordering Guide
2022
7844068-00 COMMSCOPE-7844068-00 Datasheet
770Kb / 24P
ERA® Ordering Guide
2022
logo
Alpha Wire
78443 ALPHAWIRE-78443 Datasheet
410Kb / 4P
24 (19/36) AWG Tinned Copper
78444 ALPHAWIRE-78444 Datasheet
409Kb / 4P
22 (19/34) AWG Tinned Copper
More results

Similar Description - 78445

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1346631 ETC2-1346631 Datasheet
98Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
1347330 ETC2-1347330 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors
1351711 ETC2-1351711 Datasheet
99Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
9892 ETC2-9892 Datasheet
104Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, Datalene짰 insulation
9272 ETC2-9272 Datasheet
101Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com