Electronic Components Datasheet Search
  English  ▼

X  

25AA040A Datasheet(PDF) 7 Page - Microchip Technology

Part # 25AA040A
Description  4K SPI Bus Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA040A Datasheet(HTML) 7 Page - Microchip Technology

Back Button 25AA040A Datasheet HTML 3Page - Microchip Technology 25AA040A Datasheet HTML 4Page - Microchip Technology 25AA040A Datasheet HTML 5Page - Microchip Technology 25AA040A Datasheet HTML 6Page - Microchip Technology 25AA040A Datasheet HTML 7Page - Microchip Technology 25AA040A Datasheet HTML 8Page - Microchip Technology 25AA040A Datasheet HTML 9Page - Microchip Technology 25AA040A Datasheet HTML 10Page - Microchip Technology 25AA040A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
© 2007 Microchip Technology Inc.
DS21827D-page 7
25AA040A/25LC040A
BLOCK DIAGRAM
FIGURE 2-1:
READ SEQUENCE
SI
SO
SCK
CS
HOLD
WP
STATUS
Register
I/O Control
Memory
Control
Logic
X
Dec
HV Generator
EEPROM
Array
Page Latches
Y Decoder
Sense Amp.
R/W Control
Logic
VCC
VSS
TABLE 2-1:
INSTRUCTION SET
Instruction Name
Instruction Format
Description
READ
0000 A8011
Read data from memory array beginning at selected address
WRITE
0000 A8010
Write data to memory array beginning at selected address
WRDI
0000 x100
Reset the write enable latch (disable write operations)
WREN
0000 x110
Set the write enable latch (enable write operations)
RDSR
0000 x101
Read STATUS register
WRSR
0000 x001
Write STATUS register
Note:
A8 is the 9th address bit, which is used to address the entire 512 byte array.
x
= don’t care.
SO
SI
SCK
CS
0
2345
6789 10 11
1
01
A8
0
0
0
01
A7 A6 A5 A4
A1 A0
76543210
Data Out
High-impedance
A3 A2
Lower Address Byte
12 13 14 15 16 17 18 19 20 21 22 23
Instruction+Address MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com