Electronic Components Datasheet Search
  English  ▼

X  

TDA8580 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8580
Description  Multi-purpose power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8580 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8580 Datasheet HTML 1Page - NXP Semiconductors TDA8580 Datasheet HTML 2Page - NXP Semiconductors TDA8580 Datasheet HTML 3Page - NXP Semiconductors TDA8580 Datasheet HTML 4Page - NXP Semiconductors TDA8580 Datasheet HTML 5Page - NXP Semiconductors TDA8580 Datasheet HTML 6Page - NXP Semiconductors TDA8580 Datasheet HTML 7Page - NXP Semiconductors TDA8580 Datasheet HTML 8Page - NXP Semiconductors TDA8580 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1998 Feb 25
2
Philips Semiconductors
Preliminary specification
Multi-purpose power amplifier
TDA8580
FEATURES
General
• Operating voltage from 8 to 28 V
• Low distortion
• Few external components, fixed gain
• High output power
• Can be used as a stereo amplifier in bridge-tied load
(BTL) or quad single-ended (SE) amplifiers
• Single-ended mode without loudspeaker capacitor
• Mute and standby mode with one- or two-pin operation
• Diagnostic information for Dynamic Distortion Detector
(DDD), high temperature (145
°C) and short-circuit
• No switch on/off plops when switching between
‘standby’ to ‘mute’ and from ‘mute’ to ‘on’
• Low offset variation at outputs between ‘mute’ and ‘on’
• Fast mute on supply voltage drops.
Protection
• Reverse polarity safe
• Short-circuit proof to ground, positive supply voltage on
all pins and across load
• ESD protected on all pins
• Thermal protection against temperatures exceeding
150
°C
• Load dump protection
• Protected against open-circuit ground pins and output
short-circuited to supply ground.
GENERAL DESCRIPTION
The TDA8580 is a stereo bridge-tied load (BTL) or a quad
single-ended amplifier that operates over a wide supply
voltage range from 8 to 28 V. This makes it suitable for
many applications, such as car radios, television and
home-sound systems.
Because of an internal voltage buffer, this device can be
used without a capacitor connected in series with the load
(SE application). A combined BTL and 2
× SE application
can also be configured.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8580
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 12 mm)
SOT243-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com