Electronic Components Datasheet Search
  English  ▼

X  

PS200 Datasheet(PDF) 27 Page - Microchip Technology

Part # PS200
Description  PowerSmart짰 Configurable Battery Charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS200 Datasheet(HTML) 27 Page - Microchip Technology

Back Button PS200 Datasheet HTML 23Page - Microchip Technology PS200 Datasheet HTML 24Page - Microchip Technology PS200 Datasheet HTML 25Page - Microchip Technology PS200 Datasheet HTML 26Page - Microchip Technology PS200 Datasheet HTML 27Page - Microchip Technology PS200 Datasheet HTML 28Page - Microchip Technology PS200 Datasheet HTML 29Page - Microchip Technology PS200 Datasheet HTML 30Page - Microchip Technology PS200 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21891B-page 25
PS200
TABLE 5-11:
A/D CONVERTER CHARACTERISTICS
FIGURE 5-6:
A/D CONVERSION TIMING (NORMAL MODE)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
10 bits
bit
A02
EABS
Total Absolute Error*(1)
——
±1LSb VREF = 5.0V
A03
EIL
Integral Error
—
—
±1LSb VREF = 5.0V
A04
EDL
Differential Error
—
—
±1
LSb No missing codes to 10 bits,
VREF = 5.0V
A05
EFS
Full-Scale Range
2.2*
—
5.5*
V
A06
EOFF
Offset Error
—
—
±1LSb VREF = 5.0V
A07
EGN
Gain Error
—
—
±1LSb VREF = 5.0V
A10
—
Monotonicity
—
guaranteed(2)
——
VSS
≤ VAIN ≤ VREF
A20
A20A
VREF
Reference Voltage
2.2(4)
2.5
——
VDD + 0.3
V
Absolute minimum to ensure
10-bit accuracy
A25
VAIN
Analog Input Voltage
VSS
—VREF(5)
V
A30
ZAIN
Recommended
Impedance of Analog
Voltage Source
——
10
k
Ω
A50
IREF
VREF Input Current*(3)
10
—
—
—
1000
10
μA
μA
During VAIN acquisition.
Based on differential of VHOLD
to VAIN.
During A/D conversion cycle.
*
These parameters are characterized but not tested.
† Data in ‘Typ’ column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Total Absolute Error includes Integral, Differential, Offset and Gain Errors.
2:
The A/D conversion result never decreases with an increase in the input voltage and has no missing codes.
3:
VREF current is from external VREF or VDD pin, whichever is selected as reference input.
4:
Only limited when VDD is at or below 2.5V. If VDD is above 2.5V, VREF is allowed to go as low as 1.0V.
5:
Analog input voltages are allowed up to VDD, however, the conversion accuracy is limited to VSS to VREF.
131
130
132
Q4
A/D CLK
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
98
7
3
2
1
0
Note 1:
If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts. This allows the
SLEEP
instruction to be executed.
1/2 TCY
6
134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com