Electronic Components Datasheet Search
  English  ▼

X  

MCP1630 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1630
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1630 Datasheet HTML 12Page - Microchip Technology MCP1630 Datasheet HTML 13Page - Microchip Technology MCP1630 Datasheet HTML 14Page - Microchip Technology MCP1630 Datasheet HTML 15Page - Microchip Technology MCP1630 Datasheet HTML 16Page - Microchip Technology MCP1630 Datasheet HTML 17Page - Microchip Technology MCP1630 Datasheet HTML 18Page - Microchip Technology MCP1630 Datasheet HTML 19Page - Microchip Technology MCP1630 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MCP1630/MCP1630V
DS21896B-page 16
© 2005 Microchip Technology Inc.
5.0
APPLICATION
CIRCUITS/ISSUES
5.1
Typical Applications
The MCP1630/V high-speed PWM can be used for any
circuit topology and power-train application when
combined with a microcontroller. Intelligent, cost-
effective power systems can be developed for applica-
tions that require multiple outputs, multiple phases,
adjustable
outputs,
temperature
monitoring
and
calibration.
5.2
NiMH Battery Charger Application
A typical NiMH battery charger application is shown in
the “Typical Application Circuit – MCP1630” of this
data sheet. In that example, a Single-Ended Primary
Inductive Converter (SEPIC) is used to provide a
constant charge current to the series-connected
batteries. The MCP1630 is used to regulate the charge
current by monitoring the current through the battery
sense resistor and providing the proper pulse width.
The PIC16F818 monitors the battery voltage to provide
a termination to the charge current. Additional features
(trickle charge, fast charge, overvoltage protection,
etc.) can be added to the system using the programma-
bility of the microcontroller and the flexibility of the
MCP1630.
5.3
Bidirectional Power Converter
A bidirectional Li-Ion charger/buck regulator is shown
in the “Typical Application Circuit” of the this data
sheet. In this example, a synchronous, bidirectional
power
converter
example
is
shown
using
the
MCP1630V. In this application, when the ac-dc input
power is present, the bidirectional power converter is
used to charge 4-series Li-Ion batteries by boosting the
input voltage. When ac-dc power is removed, the
bidirectional power converter bucks the battery voltage
down to provide a dc bus for system power. By using
this method, a single power train is capable of charging
4-series cell Li-Ion batteries and efficiently converting
the battery voltage down to a low, usable voltage.
5.4
Multiple Output Converters
By using additional MCP1630 devices, multiple output
converters can be developed using a single MCU. If a
two-output converter is desired, the MCU can provide
two PWM outputs that are phased 180° apart. This will
reduce the input ripple current to the source and
eliminate beat frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com