Electronic Components Datasheet Search
  English  ▼

X  

MCP2150 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP2150
Description  Infrared Encoder/Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2150 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP2150 Datasheet HTML 28Page - Microchip Technology MCP2150 Datasheet HTML 29Page - Microchip Technology MCP2150 Datasheet HTML 30Page - Microchip Technology MCP2150 Datasheet HTML 31Page - Microchip Technology MCP2150 Datasheet HTML 32Page - Microchip Technology MCP2150 Datasheet HTML 33Page - Microchip Technology MCP2150 Datasheet HTML 34Page - Microchip Technology MCP2150 Datasheet HTML 35Page - Microchip Technology MCP2150 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
MCP2122
DS21894C-page 32
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 6-1:
EMBOSSED CARRIER DIMENSIONS (12 MM TAPE)
FIGURE 6-2:
SOIC DEVICE
Top
Cover
Tape
K0
P
W
B0
A0
TABLE 6-1:
CARRIER TAPE/CAVITY DIMENSIONS
Case
Outline
Package
Type
Carrier
Dimensions
Cavity
Dimensions
Output
Quantity
Units
Reel
Diameter in
mm
W
mm
P
mm
A0
mm
B0
mm
K0
mm
SN
SOIC .150”
8L
12
8
6.4
5.2
2.1
3300
330
User Direction of Feed
P, Pitch
Pin 1
Pin 1
Reverse Reel Component Orientation
W, Width
of Carrier
Tape
Standard Reel Component Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com