Electronic Components Datasheet Search
  English  ▼

X  

MCP23S08 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP23S08
Description  8-Bit I/O Expander with Serial Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S08 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP23S08 Datasheet HTML 27Page - Microchip Technology MCP23S08 Datasheet HTML 28Page - Microchip Technology MCP23S08 Datasheet HTML 29Page - Microchip Technology MCP23S08 Datasheet HTML 30Page - Microchip Technology MCP23S08 Datasheet HTML 31Page - Microchip Technology MCP23S08 Datasheet HTML 32Page - Microchip Technology MCP23S08 Datasheet HTML 33Page - Microchip Technology MCP23S08 Datasheet HTML 34Page - Microchip Technology MCP23S08 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21919D-page 31
MCP23008/MCP23S08
TABLE 2-4:
GP AND INT PINS
AC Characteristics
Operating Conditions (unless otherwise indicated):
1.8V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +85°C (I-Temp)
4.5V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C (E-Temp) (Note 1)
Param
No.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
50
Serial data to output valid
TGPOV
——
500
ns
51
Interrupt pin disable time
TINTD
——
600
ns
52
GP input change to register
valid
TGPIV
——
450
ns
53
IOC event to INT active
TGPINT
——
600
ns
Glitch Filter on GP Pins
TGLITCH
——
150
ns
Note 1: This parameter is characterized, not 100% tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com