Electronic Components Datasheet Search
  English  ▼

X  

TCN75AVOA Datasheet(PDF) 29 Page - Microchip Technology

Part # TCN75AVOA
Description  2-Wire Serial Temperature Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75AVOA Datasheet(HTML) 29 Page - Microchip Technology

Back Button TCN75AVOA Datasheet HTML 24Page - Microchip Technology TCN75AVOA Datasheet HTML 25Page - Microchip Technology TCN75AVOA Datasheet HTML 26Page - Microchip Technology TCN75AVOA Datasheet HTML 27Page - Microchip Technology TCN75AVOA Datasheet HTML 28Page - Microchip Technology TCN75AVOA Datasheet HTML 29Page - Microchip Technology TCN75AVOA Datasheet HTML 30Page - Microchip Technology TCN75AVOA Datasheet HTML 31Page - Microchip Technology TCN75AVOA Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21935C-page 29
TCN75A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TCN75A:
Temperature Sensor
Temperature
Range:
V= -40°C to +125°C
Package:
OA
=
Plastic SOIC, (150 mil Body), 8-lead
OA713
=
Plastic SOIC, (150 mil Body), 8-lead,
Tape & Reel
UA
=
Plastic Micro Small Outline (MSOP), 8-lead
UA713
=
Plastic Micro Small Outline (MSOP), 8-lead
Tape & Reel
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
TCN75AVOA:
8LD SOIC package.
b)
TCN75AVOA713:
Tape and Reel,
8LD SOIC package.
a)
TCN75AVUA:
8LD MSOP package.
b)
TCN75AVUA713:
Tape and Reel,
8LD MSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com