Electronic Components Datasheet Search
  English  ▼

X  

TC4426M Datasheet(PDF) 3 Page - Microchip Technology

Part # TC4426M
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426M Datasheet(HTML) 3 Page - Microchip Technology

  TC4426M Datasheet HTML 1Page - Microchip Technology TC4426M Datasheet HTML 2Page - Microchip Technology TC4426M Datasheet HTML 3Page - Microchip Technology TC4426M Datasheet HTML 4Page - Microchip Technology TC4426M Datasheet HTML 5Page - Microchip Technology TC4426M Datasheet HTML 6Page - Microchip Technology TC4426M Datasheet HTML 7Page - Microchip Technology TC4426M Datasheet HTML 8Page - Microchip Technology TC4426M Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21938A-page 3
TC4426M/TC4427M/TC4428M
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage ................................................................+22V
Input Voltage, IN A or IN B .......... (VDD + 0.3V) to (GND – 5V)
Storage Temperature Range .........................-65°C to +150°C
Maximum Junction Temperature ................................. +150°C
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = +25ºC with 4.5V ≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-1.0
—
+1.0
µA
0V
≤ VIN ≤ VDD
Output
High Output Voltage
VOH
VDD – 0.025
—
—
V
DC TEST
Low Output Voltage
VOL
—
—
0.025
V
DC TEST
Output Resistance
RO
—7
10
Ω
IOUT = 10 mA, VDD = 18V
Peak Output Current
IPK
—1.5
—
A
VDD = 18V
Latch-Up Protection
Withstand Reverse Current
IREV
—
>0.5
—
A
Duty cycle
≤ 2%, t ≤ 300 µs
VDD = 18V
Switching Time (Note 1)
Rise Time
tR
—19
30
ns
Figure 4-1
Fall Time
tF
—25
30
ns
Figure 4-1
Delay Time
tD1
—20
30
ns
Figure 4-1
Delay Time
tD2
—40
50
ns
Figure 4-1
Power Supply
Power Supply Current
IS
—
—
—
—
4.5
0.4
mA
VIN = 3V (Both inputs)
VIN = 0V (Both inputs)
Note 1:
Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com