Electronic Components Datasheet Search
  English  ▼

X  

MCP4021 Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 47Page - Microchip Technology MCP4021 Datasheet HTML 48Page - Microchip Technology MCP4021 Datasheet HTML 49Page - Microchip Technology MCP4021 Datasheet HTML 50Page - Microchip Technology MCP4021 Datasheet HTML 51Page - Microchip Technology MCP4021 Datasheet HTML 52Page - Microchip Technology MCP4021 Datasheet HTML 53Page - Microchip Technology MCP4021 Datasheet HTML 54Page - Microchip Technology MCP4021 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 51
MCP4021/2/3/4
9.0
DEVELOPMENT SUPPORT
9.1
Evaluation/Demonstration Boards
Currently there are three boards that are available that
can be used to evaluate the MCP4021/2/3/4 family of
devices.
1.
The MCP402X Digital Potentiomenter Evalua-
tion Board kit (MCP402XEV) contains a simple
demonstration board utilizing a PIC10F206, the
MCP4021 and a blank PCB, which can be
populated with any desired MCP4021/2/3/4
device in a SOT-23-5, SOT-23-6 or 150 mil
SOIC 8-pin package.
This board has two push buttons to control when
the PIC® microcontroller generates MCP402X
serial commands. The example firmware dem-
onstrates the following commands:
• Increment
• Decrement
• High-Voltage Increment and Enable
WiperLock Technology
• High-Voltage Decrement and Enable
WiperLock Technology
• High-Voltage Increment and Disable
WiperLock Technology
• High-Voltage Decrement and Disable
WiperLock Technology
The populated board (with the MCP4021) can
be used to evaluate the other MCP402X devices
by appropriately jumpering the PCB pads.
2.
The SOT-23-5/6 Evaluation Board (VSUPEV2)
can be used to evaluate the characteristics of
the MCP4022, MCP4023 and MCP4024
devices.
3.
The 8-pin SOIC/MSOP/TSSOP/DIP Evaluation
Board (SOIC8EV) can be used to evaluate the
characteristics of the MCP4021 device in either
the SOIC or MSOP package.
4.
The MCP4XXX Digital Potentiometer Daughter
Board allows the system designer to quickly
evaluate the operation of Microchip Technol-
ogy's MCP42XXX and MCP402X Digital Poten-
tiometers. The board supports two MCP42XXX
devices and an MCP402X device, which can be
replaced with an MCP401X device.
The board also has a voltage doubler device
(TC1240A), which can be used to show the
WiperLock™
Technology
feature
of
the
MCP4021.
These boards may be purchased directly from the
Microchip web site at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com