Electronic Components Datasheet Search
  English  ▼

X  

MCP1406 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1406
Description  6A High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1406 Datasheet HTML 5Page - Microchip Technology MCP1406 Datasheet HTML 6Page - Microchip Technology MCP1406 Datasheet HTML 7Page - Microchip Technology MCP1406 Datasheet HTML 8Page - Microchip Technology MCP1406 Datasheet HTML 9Page - Microchip Technology MCP1406 Datasheet HTML 10Page - Microchip Technology MCP1406 Datasheet HTML 11Page - Microchip Technology MCP1406 Datasheet HTML 12Page - Microchip Technology MCP1406 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
© 2006 Microchip Technology Inc.
DS22019A-page 9
MCP1406/07
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE (1)
3.1
Supply Input (VDD)
VDD is the bias supply input for the MOSFET driver and
has a voltage range of 4.5V to 18V. This input must be
decoupled to ground with local capacitors.
The
bypass capacitors provide a localized low-
impedance path for the peak currents that are to be
provided to the load.
3.2
Control Input (INPUT)
The MOSFET driver input is a high-impedance,
TTL/CMOS-compatible input. The input also has
hysteresis between the high and low input levels,
allowing them to be driven from slow rising and falling
signals, and to provide noise immunity.
3.3
Ground (GND)
Ground is the device return pin. The ground pin should
have a low impedance connection to the bias supply
source return. High peak currents will flow out the
ground pin when the capacitive load is being
discharged.
3.4
CMOS Push-Pull Output
(OUTPUT)
The output is a CMOS push-pull output that is capable
of sourcing peak currents of 6A (VDD = 18V). The low
output impedance ensures the gate of the external
MOSFET will stay in the intended state even during
large transients. These output also has a reverse
current latch-up rating of 1.5A.
3.5
Exposed Metal Pad
The exposed metal pad of the DFN package is not
internally connected to any potential. Therefore, this
pad can be connected to a ground plane or other
copper plane on a printed circuit board to aid in heat
removal from the package.
3.6
TO-220 Metal Tab
The metal tab on the TO-220 package is at VDD
potentail. This metal tab is not intended to be the VDD
connection to MCP1406/07. VDD should be supplied
using the Supply Input pin of the TO-220.
8-Pin
PDIP, SOIC
8-Pin
DFN
5-Pin
TO-220
Symbol
Description
11
—
VDD
Supply Input
2
2
1
INPUT
Control Input
3
3
—
NC
No Connection
4
4
2
GND
Ground
5
5
4
GND
Ground
6
6
5
OUTPUT
CMOS Push-Pull Output
7
7
—
OUTPUT
CMOS Push-Pull Output
88
3
VDD
Supply Input
—PAD
—
NC
Exposed Metal Pad
——
TAB
VDD
Metal Tab at VDD Potential
Note 1: Duplicate pins must be connected for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com