Electronic Components Datasheet Search
  English  ▼

X  

TPS65167 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS65167
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65167 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65167 Datasheet HTML 1Page - Texas Instruments TPS65167 Datasheet HTML 2Page - Texas Instruments TPS65167 Datasheet HTML 3Page - Texas Instruments TPS65167 Datasheet HTML 4Page - Texas Instruments TPS65167 Datasheet HTML 5Page - Texas Instruments TPS65167 Datasheet HTML 6Page - Texas Instruments TPS65167 Datasheet HTML 7Page - Texas Instruments TPS65167 Datasheet HTML 8Page - Texas Instruments TPS65167 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS65167
SLVS760A – APRIL 2007 – REVISED MAY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
ORDERING
PACKAGE(2)
PACKAGE MARKING
–40
°C to 85°C
TPS65167RHAR
40 pin QFN
TPS65167
(1)
The RHA package is available taped and reeled. Add R suffix to the device type (TPS65167RHAR) to
order the device taped and reeled. The RHA package has quantities of 3000 devices per reel.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)(1)
VALUE
UNIT
AVIN, VINB, SUPN, GD, BASE (2)
–0.3 to 16.5
V
EN, HVS, CTRL(2)
–0.3 to 6
V
FB, FBB, FBP, FBN, FBLDO, RSET(2)
–0.3 to 6
V
VI
Voltage on pin
SW, SUP(2)
25
V
SWB(2)
20
V
POUT, VGH, DRN(2)
36
V
Continuous power dissipation
See Dissipation Rating Table
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
RθJA
POWER RATING
POWER RATING
POWER RATING
40 pin QFN
30
°C/W
3.3 W
1.8 W
1.3 W
(1)
See the Texas Instruments Application report SLMA002 regarding thermal characteristics of the PowerPAD package.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VI
Input voltage range
6
14
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
AVIN=VINB=SUPN=12V, EN=REGOUT, Vs = 15V, Vlogic = 3.3V , Vaux = 1.8V, T
A = –40°C to 85°C, typical values are at
T
A = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
6
14
V
Quiescent current into AVIN
Not switching, FB = FB + 5%
1.5
mA
IQ
Quiescent current into VINB
Not switching, FBB = FBB + 5%
0.15
mA
Quiescent current into SUP
Not switching, FB = FBB = FBN = FBP = + 5%
275
µA
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com