Electronic Components Datasheet Search
  English  ▼

X  

MCP1403 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1403
Description  4.5A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1403 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1403 Datasheet HTML 5Page - Microchip Technology MCP1403 Datasheet HTML 6Page - Microchip Technology MCP1403 Datasheet HTML 7Page - Microchip Technology MCP1403 Datasheet HTML 8Page - Microchip Technology MCP1403 Datasheet HTML 9Page - Microchip Technology MCP1403 Datasheet HTML 10Page - Microchip Technology MCP1403 Datasheet HTML 11Page - Microchip Technology MCP1403 Datasheet HTML 12Page - Microchip Technology MCP1403 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
© 2007 Microchip Technology Inc.
DS22022B-page 9
MCP1403/4/5
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE (1)
3.1
Supply Input (VDD)
VDD is the bias supply input for the MOSFET driver and
has a voltage range of 4.5V to 18V. This input must be
decoupled to ground with a local capacitor. This bypass
capacitor provides a localized low-impedance path for
the peak currents that are to be provided to the load.
3.2
Control Inputs A and B
The MOSFET driver input is a high-impedance, TTL/
CMOS-compatible input. The input also has hysteresis
between the high and low input levels, allowing them to
be driven from slow rising and falling signals, and to
provide noise immunity.
3.3
Ground (GND)
Ground is the device return pin. The ground pin should
have a low impedance connection to the bias supply
source return. High peak currents will flow out the
ground pin when the capacitive load is being
discharged.
3.4
Outputs A and B
Outputs A and B are CMOS push-pull output that is
capable of sourcing and sinking 4.5A of peak current
(VDD = 18V). The low output impedance ensures the
gate of the external MOSFET will stay in the intended
state even during large transients. These output also
has a reverse current latch-up rating of 1.5A.
3.5
Exposed Metal Pad
The exposed metal pad of the DFN package is not
internally connected to any potential. Therefore, this
pad can be connected to a ground plane or other
copper plane on a printed circuit board to aid in heat
removal from the package.
8-Pin
PDIP
SOIC
8-Pin
DFN
16-Pin
SOIC
Symbol
Description
1
1
1
NC
No Connection
2
2
2
IN A
Control Input for Output A
—
—
3
NC
No Connection
3
3
4
GND
Ground
—
—
5
GND
Ground
—
—
6
NC
No Connection
4
4
7
IN B
Control Input for Output B
—
—
8
NC
No Connection
—
—
9
NC
No Connection
5
5
10
OUT B
Output B
—
—
11
OUT B
Output B
66
12
VDD
Supply Input
——
13
VDD
Supply Input
7
7
14
OUT A
Output A
—
—
15
OUT A
Output A
8
8
16
NC
No Connection
—
PAD
—
NC
Exposed Metal Pad
Note 1: Duplicate pins must be connected for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com