Electronic Components Datasheet Search
  English  ▼

X  

MCP3909 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP3909
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP3909 Datasheet HTML 27Page - Microchip Technology MCP3909 Datasheet HTML 28Page - Microchip Technology MCP3909 Datasheet HTML 29Page - Microchip Technology MCP3909 Datasheet HTML 30Page - Microchip Technology MCP3909 Datasheet HTML 31Page - Microchip Technology MCP3909 Datasheet HTML 32Page - Microchip Technology MCP3909 Datasheet HTML 33Page - Microchip Technology MCP3909 Datasheet HTML 34Page - Microchip Technology MCP3909 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
© 2006 Microchip Technology Inc.
DS22025A-page 31
MCP3909
6.2
Achieving Line Cycle Sampling
with Zero Blind Cycles
In most energy meter applications, it will be necessary
to have 2N samples for each 50 or 60 Hz line cycle,
where N is typically 64, 128 or 256. Controlling the
MCLK of the MCP3909 allows you to control the
sample rate and ultimately the data ready (DR) pulses
for coherent waveform sampling. The following
scheme shows how the TIMER and COMPARATOR
modules of the PIC MCU can be used to generate the
clock for the MCP3909 from either a PLL internal
MCLK. For class 0.2 or class 0.1 meter designs that
require harmonic analysis using a PLL is recom-
mended to shift sample rate with line cycle drift, e.g.
line cycle changes from 60 Hz to 59.1 Hz. This is
shown as option 1 in Figure 6-2.
A simpler lower cost option would be to choose a
frequency that would give an integer number of line
cycles for exactly 50 Hz (or 60 Hz). This is possible
using a 39.3216 MHz crystal for the PIC18F device.
Figure 6-2 shows example clock frequencies to
achieve 128 samples for each line cycle, 1.63 MHz for
a 50 Hz line, or 1.96 MHz for a 60 Hz line. The
MCP3909 clock can operate from 1 MHz to 4 MHz.
Using this approach, the PIC MCU can gather the
waveform data immediately after the data ready pulse,
at up to 10 MHz. The remainder of the time can be used
to calculate the power measurements to achieve true
line cycle sampling with zero blind cycles.
For more information and firmware, see the Microchip’s
web page for demo board information.
FIGURE 6-2:
Using the PIC device to control the MCP3909 MCLK to achieve 2N samples per line
cycle, 3-phase sampling shown with 6 ADCs
50 (or 60 Hz)
PLL Circuit
x 32768
Phase A || B || C
MCP3909
MCP3909
MCP3909
X1
39.3216 MHz
PIC MCU
CCP2 / 32768
(50 or 60 Hz)
tSAMPLE
tLINE_CYC
SDO DR
Phase A,B,C I & V Data
16 bits
DR
tSAMPLE
IRQ
Option 1
Option 2
1.63 MHz (50)
3.579 MHz
MCLK input
DR Pulse
To PIC MCU
IRQ
IRQ
1.96 MHz (60)
x 6 ADCs
128 samples/line cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com