Electronic Components Datasheet Search
  English  ▼

X  

MCP1401 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1401
Description  Tiny 500 mA, High-Speed Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1401 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1401 Datasheet HTML 6Page - Microchip Technology MCP1401 Datasheet HTML 7Page - Microchip Technology MCP1401 Datasheet HTML 8Page - Microchip Technology MCP1401 Datasheet HTML 9Page - Microchip Technology MCP1401 Datasheet HTML 10Page - Microchip Technology MCP1401 Datasheet HTML 11Page - Microchip Technology MCP1401 Datasheet HTML 12Page - Microchip Technology MCP1401 Datasheet HTML 13Page - Microchip Technology MCP1401 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MCP1401/02
DS22052A-page 10
© 2007 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
4.1
General Information
MOSFET drivers are high-speed, high current devices
which are intended to source/sink high peak currents to
charge/discharge the gate capacitance of external
MOSFETs or IGBTs. In high frequency switching power
supplies, the PWM controller may not have the drive
capability to directly drive the power MOSFET. A MOS-
FET driver like the MCP1401/02 family can be used to
provide additional source/sink current capability.
4.2
MOSFET Driver Timing
The ability of a MOSFET driver to transition from a fully
off state to a fully on state are characterized by the
drivers rise time (tR), fall time (tF), and propagation
delays (tD1 and tD2). The MCP1401/02 family of drivers
can typically charge and discharge a 470 pF load
capacitance in 19 ns along with a typical matched
propagation delay of 35 ns. Figure 4-1 and Figure 4-2
show the test circuit and timing waveform used to verify
the MCP1401/02 timing.
FIGURE 4-1:
Inverting Driver Timing
Waveform.
FIGURE 4-2:
Non-Inverting Driver Timing
Waveform.
4.3
Decoupling Capacitors
Careful layout and decoupling capacitors are highly
recommended when using MOSFET drivers. Large
currents are required to charge and discharge
capacitive loads quickly. For example, approximately
550 mA are needed to charge a 470 pF load with 18V
in 15 ns.
To operate the MOSFET driver over a wide frequency
range with low supply impedance, a ceramic and low
ESR film capacitor is recommended to be placed in
parallel between the driver VDD and GND. A 1.0 µF low
ESR film capacitor and a 0.1 µF ceramic capacitor
placed between pins 2 and 1 should be used. These
capacitors should be placed close to the driver to
minimized circuit board parasitics and provide a local
source for the required current.
4.4
PCB Layout Considerations
Proper PCB layout is important in a high current, fast
switching circuit to provide proper device operation and
robustness of design. PCB trace loop area and
inductance should be minimized by the use of ground
planes or trace under MOSFET gate drive signals,
separate analog and power grounds, and local driver
decoupling.
Placing a ground plane beneath the MCP1401/02 will
help as a radiated noise shield as well as providing
some heat sinking for power dissipated within the
device.
0.1 µF
+5V
10%
90%
10%
90%
10%
90%
18V
1µF
0V
0V
MCP1401
CL = 470 pF
Input
Input
Output
tD1
tF
tD2
Output
tR
VDD = 18V
Ceramic
90%
Input
tD1
tF
tD2
Output
tR
10%
10%
10%
+5V
18V
0V
0V
90%
90%
0.1 µF
1µF
MCP1402
CL = 470 pF
Input
Output
VDD = 18V
Ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com