Electronic Components Datasheet Search
  English  ▼

X  

TC1271ATBVCTTR Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1271ATBVCTTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271ATBVCTTR Datasheet(HTML) 2 Page - Microchip Technology

  TC1271ATBVCTTR Datasheet HTML 1Page - Microchip Technology TC1271ATBVCTTR Datasheet HTML 2Page - Microchip Technology TC1271ATBVCTTR Datasheet HTML 3Page - Microchip Technology TC1271ATBVCTTR Datasheet HTML 4Page - Microchip Technology TC1271ATBVCTTR Datasheet HTML 5Page - Microchip Technology TC1271ATBVCTTR Datasheet HTML 6Page - Microchip Technology TC1271ATBVCTTR Datasheet HTML 7Page - Microchip Technology TC1271ATBVCTTR Datasheet HTML 8Page - Microchip Technology TC1271ATBVCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TC1270A/70AN/71A
DS22035B-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VDD to VSS) ...............................+7.0V
Input Current, VDD..............................................10 mA
Output Current, RESET, RESET ........................10 mA
Voltage on all inputs and outputs
w.r.t. VSS ............................ -0.6V to (VDD + 1.0V)
Storage Temperature Range ..............-65°C to +150°C
Operating Temperature Range...........-40°C to +125°C
Maximum Junction Temperature, T
S ................... 150°C
ESD protection on all pins
Human Body Model
....................................... ≥ 4kV
Machine Model
.............................................. ≥ 400V
† Notice: Stresses above those listed under "Absolute
Maximum Ratings" may cause permanent damage to
the device. This is a stress ratings only and functional
operation of the device at those or any other conditions
above those indicated in the operational listing of this
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise noted, VDD = 5V for L/M versions, VDD = 3.3V for T/S versions,
VDD = 3V for R version, TA = -40°C to +125°C. Typical values are at TA = +25°C.
Parameter
Sym
Min
Typ(1)
Max
Units
Test Conditions
Operating Voltage Range
V
DD
1.0
—
5.5
V
Supply Current
IDD
—7
15
µA
VDD > VTRIP, for L/M/R/S/T,
VDD = 5.5V
—4.75
10
µA
VDD > VTRIP, for R/S/T, VDD = 3.6V
—10
15
µA
VDD < VTRIP, for L/M/R/S/T
Reset Trip Point
Threshold (3)
VTRIP
4.54
4.63
4.72
V
TC127xAL: TA = +25°C
4.50
—
4.75
V
TA = –40°C to +125°C
4.30
4.38
4.46
V
TC127xAM: TA = +25°C
4.25
—
4.50
V
TA = –40°C to +125°C
3.03
3.08
3.14
V
TC127xAT: TA = +25°C
3.00
—
3.15
V
TA = –40°C to +125°C
2.88
2.93
2.98
V
TC127xAS: TA = +25°C
2.85
—
3.00
V
TA = –40°C to +125°C
2.72
2.77
2.82
V
TC127xA:(5) TA = +25°C
2.70
—
2.85
V
TA = –40°C to +125°C
2.58
2.63
2.68
V
TC127xAR: TA = +25°C
2.55
—
2.70
V
TA = –40°C to +125°C
Note 1:
Data in the Typical (“Typ”) column is at 5V, +25
°C, unless otherwise stated.
2:
RST output for TC1270A, and TC1270AN, RST output for TC1271A.
3:
TC127XA refers to either the TC1270A, TC1270AN or TC1271A device.
4:
Hysteresis is within the VTRIP(MIN) to VTRIP(MAX) window.
5:
Custom ordered Voltage Trip Point. Minimum order volume requirement.
6:
This specification allows this device to be used in PIC® microcontroller applications that require the
In-Circuit Serial Programming™ (ICSP™) feature (see device-specific programming specifications for
voltage requirements). The total time that the RST pin can be above the maximum device operational
voltage (5.5V) is 100s. Current into the RST pin should be limited to 2 mA. It is recommended that the
device operational temperature be maintained between 0°C to +70°C (+25°C preferred). For additional
information, refer to Figure 2-41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com