Electronic Components Datasheet Search
  English  ▼

X  

TDA8705AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8705AT
Description  6-bit high-speed dual Analog-to-Digital Converter ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8705AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8705AT Datasheet HTML 2Page - NXP Semiconductors TDA8705AT Datasheet HTML 3Page - NXP Semiconductors TDA8705AT Datasheet HTML 4Page - NXP Semiconductors TDA8705AT Datasheet HTML 5Page - NXP Semiconductors TDA8705AT Datasheet HTML 6Page - NXP Semiconductors TDA8705AT Datasheet HTML 7Page - NXP Semiconductors TDA8705AT Datasheet HTML 8Page - NXP Semiconductors TDA8705AT Datasheet HTML 9Page - NXP Semiconductors TDA8705AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1996 Jan 12
6
Philips Semiconductors
Product specification
6-bit high-speed dual Analog-to-Digital
Converter (ADC)
TDA8705A
CHARACTERISTICS
VCCA =V8 to V7 = 4.75 to 5.25 V; VCCD =V2 to V3 = 4.75 to 5.25 V; VCCO =V21 to V22 = 4.75 to 5.25 V; AGND, OGND
and DGND shorted together; VCCA to VCCD = −0.25 to +0.25 V; VCCO to VCCD = −0.25 to +0.25 V;
VCCA to VCCO = −0.25 to +0.25 V; Tamb = 0 to +70 °C; typical values measured at VCCA =VCCD =VCCO = 5 V and
Tamb =25 °C; CL = 15 pF; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
4.75
5.0
5.25
V
ICCA
analog supply current
20
27
32
mA
ICCD
digital supply current
10
14
18
mA
ICCO
output stages supply current
10
14
18
mA
Inputs
CLOCK INPUT CLK; REFERENCED TO DGND; note 1
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VCCD
V
IIL
LOW level input current
Vclk = 0.4 V
−1
−
+1
µA
IIH
HIGH level input current
Vclk = 2.7 V
−−
20
µA
ZI
input impedance
fclk = 80 MHz
−
2
−
k
Ω
CI
input capacitance
fclk = 80 MHz
−
2
−
pF
V
I ANALOG INPUT VOLTAGE FOR A AND B; REFERENCED TO AGND
RI
DC parallel input resistance
20
−−
k
Ω
CI
parallel input capacitance
fi = 20 MHz
−
1.5
−
pF
αCT
crosstalk between VIA and VIB
fi = 20 MHz
40
−−
dB
Reference voltages for the resistor ladder (A and B); see Table 1
VRB
reference voltage BOTTOM
1.9
2.0
2.1
V
VRT
reference voltage TOP
2.8
2.9
3.0
V
Vdiff
differential reference voltage VRT − VRB
0.85
0.90
0.95
V
Iref
reference current
−
2
−
mA
RLAD
resistor ladder
−
450
−Ω
TCRLAD
temperature coefficient of the resistor ladder
−
3280
−
ppm
VosB
offset voltage BOTTOM
note 2
−
200
−
mV
VosT
offset voltage TOP
note 2
−
200
−
mV
Vi(p-p)
input voltage amplitude (peak-to-peak value)
0.45
0.50
0.55
V
Outputs (A and B)
DIGITAL OUTPUTS D5 TO D0 (REFERENCED TO DGND)
VOL
LOW level output voltage
IO = 1 mA
0
−
0.4
V
VOH
HIGH level output voltage
IO = −1 mA
2.4
−
VCCD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com