Electronic Components Datasheet Search
  English  ▼

X  

TC1271ATCVCTTR Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1271ATCVCTTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271ATCVCTTR Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1271ATCVCTTR Datasheet HTML 4Page - Microchip Technology TC1271ATCVCTTR Datasheet HTML 5Page - Microchip Technology TC1271ATCVCTTR Datasheet HTML 6Page - Microchip Technology TC1271ATCVCTTR Datasheet HTML 7Page - Microchip Technology TC1271ATCVCTTR Datasheet HTML 8Page - Microchip Technology TC1271ATCVCTTR Datasheet HTML 9Page - Microchip Technology TC1271ATCVCTTR Datasheet HTML 10Page - Microchip Technology TC1271ATCVCTTR Datasheet HTML 11Page - Microchip Technology TC1271ATCVCTTR Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TC1270A/70AN/71A
DS22035B-page 8
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, TA = –40°C to +125°C.
FIGURE 2-7:
IDD vs. VDD (Reset
Power-up Timer Inactive)
(TC1270AL, TC1270ANL, TC1271AL
- 4.50V min. / 4.63V typ. / 4.75V max.).
FIGURE 2-8:
IDD vs. VDD (Reset
Power-up Timer Inactive)
(TC1270AT, TC1270ANT, TC1271AT
- 3.00V min. / 3.08V typ. / 3.15V max.).
FIGURE 2-9:
IDD vs. VDD (Reset
Power-up Timer Inactive)
(TC1270AR, TC1270ANR, TC1271AR
- 2.55V min. / 2.63V typ. / 2.70V max.).
FIGURE 2-10:
IDD vs. VDD (Reset
Power-up Timer Active)
(TC1270AL, TC1270ANL, TC1271AL
- 4.50V min. / 4.63V typ. / 4.75V max.).
FIGURE 2-11:
IDD vs. VDD (Reset
Power-up Timer Active)
(TC1270AT, TC1270ANT, TC1271AT
- 3.00V min. / 3.08V typ. / 3.15V max.).
FIGURE 2-12:
IDD vs. VDD (Reset
Power-up Timer Active)
(TC1270AR, TC1270ANR, TC1271AR
- 2.55V min. / 2.63V typ. / 2.70V max.).
0
0.5
1
1.5
2
2.5
3
1
234
5
VDD (V)
-40°C
+125°C
+25°C
0
0.5
1
1.5
2
2.5
3
1
234
5
VDD (V)
-40°C
+125°C
+25°C
0
0.5
1
1.5
2
2.5
3
3.5
1
234
5
VDD (V)
-40°C
+125°C
+25°C
4.5
5
5.5
6
6.5
7
4.5
4.7
4.9
5.1
5.3
5.5
VDD (V)
-40°C
+125°C
+25°C
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
33.5
4
4.555.5
VDD (V)
-40°C
+125°C
+25°C
2
3
4
5
6
7
2.5
3
3.5
4
4.5
5
5.5
VDD (V)
-40°C
+125°C
+25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com