Electronic Components Datasheet Search
  English  ▼

X  

TDA8706AM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8706AM
Description  6-bit analog-to-digital converter with multiplexer and clamp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8706AM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8706AM Datasheet HTML 2Page - NXP Semiconductors TDA8706AM Datasheet HTML 3Page - NXP Semiconductors TDA8706AM Datasheet HTML 4Page - NXP Semiconductors TDA8706AM Datasheet HTML 5Page - NXP Semiconductors TDA8706AM Datasheet HTML 6Page - NXP Semiconductors TDA8706AM Datasheet HTML 7Page - NXP Semiconductors TDA8706AM Datasheet HTML 8Page - NXP Semiconductors TDA8706AM Datasheet HTML 9Page - NXP Semiconductors TDA8706AM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1996 Jul 30
6
Philips Semiconductors
Product specification
6-bit analog-to-digital converter
with multiplexer and clamp
TDA8706A
CHARACTERISTICS
VDDA =V5 to V7 = 2.7 to 5.5 V; VDDD =V23 to V22 = 2.7 to 5.5 V; VDDO =V21 to V14 = 2.7 to 5.5 V;
VSSA,VSSD and VSSO shorted together; Vi(p-p) = 0.7 V; Tamb = −40 to +85 °C; typical values measured at
VDDA =VDDD =VDDO = 3 V and Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDDA
analog supply voltage
2.7
3.0
5.5
V
VDDD
digital supply voltage
2.7
3.0
5.5
V
VDDO
output stages supply
voltage
2.7
3.0
5.5
V
∆VDD
supply voltage difference
VDDA − VDDD
−0.3
−
+0.3
V
VDDA − VDDO
−0.3
−
+0.3
V
VDDD − VDDO
−0.3
−
+0.3
V
IDDA
analog supply current
−
710
mA
IDDD
digital supply current
−
46
mA
IDDO
output stages supply current fclk = 40 MHz; ramp input
−
1
1.5
mA
Inputs
CLOCK INPUT CLK (REFERENCED TO VSSD); note 1
VIL
LOW level input voltage
0
−
VDDD × 0.3 V
VDDD < 3.3 V
0
−
VDDD × 0.2 V
VIH
HIGH level input voltage
VDDD × 0.7 −
VDDD
V
VDDD < 3.3 V
VDDD × 0.8 −
VDDD
V
IIL
LOW level input current
Vclk =VDDD × 0.2
−10
+1
µA
IIH
HIGH level input current
Vclk =VDDD × 0.8
−
210
µA
Zi
input impedance
fclk = 40 MHz
−
4
−
k
Ω
CI
input capacitance
fclk = 40 MHz
−
3
−
pF
INPUTS SR, SG, SB, CLP (REFERENCED TO VSSD)
VIL
LOW level input voltage
0
−
VDDD × 0.3 V
VDDD < 3.3 V
0
−
VDDD × 0.2 V
VIH
HIGH level input voltage
VDDD × 0.7 −
VDDD
V
VDDD < 3.3 V
VDDD × 0.8 −
VDDD
V
IIL
LOW level input current
VIL =VDDD × 0.2
−1
−−
µA
IIH
HIGH level input current
VIH =VDDD × 0.8
−−
+1
µA
INPUTS VCLPR,VCLPG AND VCLPB (REFERENCED TO VSSA); see Tables 1 and 2
VCLP
input voltage for clamping
Vcode −9
−
Vcode 20
V
ICLP
input current
−−
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com