Electronic Components Datasheet Search
  English  ▼

X  

TC1271ASVCTTR Datasheet(PDF) 22 Page - Microchip Technology

Part # TC1271ASVCTTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271ASVCTTR Datasheet(HTML) 22 Page - Microchip Technology

Back Button TC1271ASVCTTR Datasheet HTML 18Page - Microchip Technology TC1271ASVCTTR Datasheet HTML 19Page - Microchip Technology TC1271ASVCTTR Datasheet HTML 20Page - Microchip Technology TC1271ASVCTTR Datasheet HTML 21Page - Microchip Technology TC1271ASVCTTR Datasheet HTML 22Page - Microchip Technology TC1271ASVCTTR Datasheet HTML 23Page - Microchip Technology TC1271ASVCTTR Datasheet HTML 24Page - Microchip Technology TC1271ASVCTTR Datasheet HTML 25Page - Microchip Technology TC1271ASVCTTR Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
TC1270A/70AN/71A
DS22035B-page 22
© 2007 Microchip Technology Inc.
4.5
Reset Generator Circuit
The output signals from the Voltage Detect Circuit and
the Manual Reset with Glitch Filter Circuit are OR’d
together and is used to activate the Reset Generator
Module.
After the reset conditions have been removed (the MR
pin is no longer forced low and the input voltage is
greater than the Trip Point voltage), the Reset Genera-
tor circuit determines the reset delay timeout required.
There are three options for the delay circuit. These are:
• 2.19 ms (typical) delay
• 35 ms (typical) delay
• 280 ms (typical) delay
4.5.1
RESET DELAY TIMER
The Reset delay timer ensures that the TC127XA
device will “hold” the embedded system in Reset until
the system voltage has stabilized. The Reset delay
timer time out is shown in Table 4-4.
The Reset Delay Timer starts once the Voltage
Detector Circuit output AND the Manual Reset with
Glitch Filter Circuit output become inactive. While the
Reset Delay Timer is active, the RST or RST pin is
driven to the active state. Once the Reset Delay Timer
times-out, the RST or RST pin is driven inactive.
The Reset delay timer (tRST) starts after the device
voltage rises above the “actual” trip point (VTRIP).
When the Reset delay timer times out, the Reset output
pin (RST/RST) is driven inactive.
The Reset Delay Timer is cleared, if either (or both) the
Voltage Detector Circuit output OR the Manual Reset
with Glitch Filter Circuit output become active. The RST
or RST pin continues to be driven to the active state.
Figure 4-12 illustrates when the Reset Delay Timer
(tRST) is active or inactive.
4.5.2
EFFECT OF TEMPERATURE ON
RESET POWER-UP TIMER (tRPU)
The Reset delay timer time out period (tRST)
determines how long the device remains in the Reset
condition. This time out is affected by both the device
VDD and temperature. Typical responses for different
VDD values and temperatures are shown in
Figures 2-28, 2-29 and 2-30.
TABLE 4-4:
RESET DELAY TIMER
TIME OUTS
FIGURE 4-12:
Reset Power-up Timer
Waveform.
tRST
Units
Min
Typ
Max
1.09
2.19
4.38
ms
17.5
35
70
ms
140
280
560
ms
↑↑
This is the
minimum time that
the Reset Delay
Timer will “hold”
the Reset pin
active after VDD
rises above VTRIP
This is the
maximum time
that the Reset
Delay Timer will
“hold” the Reset
pin active after
VDD rises above
VTRIP
Note 1:
Shaded rows are custom ordered time
outs.
VTRIP
VDD
RST
tRST
Reset Delay
Timer Inactive
Reset
Delay
Timer
Inactive
See Figures 2-9,
2-7 and 2-8
See Figures 2-12, 2-11 and 2-10
See Figures 2-9,
2-7 and 2-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com