Electronic Components Datasheet Search
  English  ▼

X  

MCP6G01RT-E/ST Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP6G01RT-E/ST
Description  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01RT-E/ST Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP6G01RT-E/ST Datasheet HTML 19Page - Microchip Technology MCP6G01RT-E/ST Datasheet HTML 20Page - Microchip Technology MCP6G01RT-E/ST Datasheet HTML 21Page - Microchip Technology MCP6G01RT-E/ST Datasheet HTML 22Page - Microchip Technology MCP6G01RT-E/ST Datasheet HTML 23Page - Microchip Technology MCP6G01RT-E/ST Datasheet HTML 24Page - Microchip Technology MCP6G01RT-E/ST Datasheet HTML 25Page - Microchip Technology MCP6G01RT-E/ST Datasheet HTML 26Page - Microchip Technology MCP6G01RT-E/ST Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
© 2006 Microchip Technology Inc.
DS22004B-page 23
MCP6G01/1R/1U/2/3/4
4.7
Unused Amplifiers
An unused amplifier in a quad package (MCP6G04)
should be configured as shown in Figure 4-8. This
circuit prevents the output from toggling and causing
crosstalk. Because the VIN pin looks like an open
circuit, the GSEL voltage is automatically set at VDD/2,
and the gain is 1 V/V. The output pin provides a
buffered VDD/2 voltage and minimizes the supply
current draw of the unused amplifier.
FIGURE 4-8:
Unused Amplifiers.
4.8
Typical Applications
4.8.1
DRIVING THE GAIN SELECT PIN
WITH A MICROCONTROLLER GPIO
PIN
The circuit in Figure 4-9 uses a microcontroller GPIO
pin to drive the Gain Select input (GSEL). Setting the
GPIO pin to logic low, high-Z or logic high gives a GSEL
voltage of 0V, VDD/2 or VDD, respectively (G = 10, 1 or
50).
FIGURE 4-9:
Driving the GSEL Pin.
The microcontroller’s GPIO pin cannot produce a
leakage current of more than ±1 µA for this circuit to
function properly. In noisy environments, a capacitor
may need to be added to the GPIO pin.
4.8.2
DRIVING THE GAIN SELECT PIN
WITH A PWM SIGNAL
The circuit in Figure 4-10 uses a PWM output on a PIC
microcontroller (100 kHz clock rate) to drive the Gain
Select input (GSEL). Setting the PWM duty cycle to
0%, 50% or 100% gives a GSEL voltage of 0V, VDD/2
or VDD, respectively (G = 10, 1 or 50).
FIGURE 4-10:
Driving the GSEL Pin.
The PWM clock rate needs to be fast so it is easily
filtered and does not interfere with the desired signal,
and it needs to be slow enough for good accuracy and
low crosstalk. This filter reduces the ripple at the GSEL
pin to about 7 mVP-P at VDD = 5.0V. The 10% settling
time is about 200 µs; the filter limits how quickly the
gain can be changed. Scale the resistors and/or
capacitors for other clock rates, or for different ripple.
4.8.3
GAIN RANGING
Figure 4-11 shows a circuit that measures the current
IX. The circuit’s performance benefits from changing
the gain on the SGA. Just as a hand-held multimeter
uses different measurement ranges to obtain the best
results, this circuit makes it easy to set a high gain for
small signals and a low gain for large signals. As a
result, the required dynamic range at the SGA’s output
is less than at its input (by up to 34 dB).
FIGURE 4-11:
Wide Dynamic Range
Current Measurement Circuit.
¼ MCP6G04
VOUT
MCP6G0X
VIN
GSEL
VDD
VOUT
MCP6G0X
VIN
GSEL
MCU
GPIO
Pin
VDD
VDD
VOUT
MCP6G0X
VIN
GSEL
PIC MCU
PWM
Output
4.7 nF
VDD
VDD
10 k
Ω
4.7 nF
10 k
Ω
IX
VOUT
MCP6G0X
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com