Electronic Components Datasheet Search
  English  ▼

X  

PIC18F8490 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F8490
Description  64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8490 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F8490 Datasheet HTML 17Page - Microchip Technology PIC18F8490 Datasheet HTML 18Page - Microchip Technology PIC18F8490 Datasheet HTML 19Page - Microchip Technology PIC18F8490 Datasheet HTML 20Page - Microchip Technology PIC18F8490 Datasheet HTML 21Page - Microchip Technology PIC18F8490 Datasheet HTML 22Page - Microchip Technology PIC18F8490 Datasheet HTML 23Page - Microchip Technology PIC18F8490 Datasheet HTML 24Page - Microchip Technology PIC18F8490 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 412 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39629B-page 19
PIC18F6390/6490/8390/8490
PORTG is a bidirectional I/O port.
RG0/SEG30
RG0
SEG30
3
I/O
O
ST
Analog
Digital I/O.
SEG30 output for LCD.
RG1/TX2/CK2/SEG29
RG1
TX2
CK2
SEG29
4
I/O
O
I/O
O
ST
—
ST
Analog
Digital I/O.
AUSART2 asynchronous transmit.
AUSART2 synchronous clock (see related RX2/DT2).
SEG29 output for LCD.
RG2/RX2/DT2/SEG28
RG2
RX2
DT2
SEG28
5
I/O
I
I/O
O
ST
ST
ST
Analog
Digital I/O.
AUSART2 asynchronous receive.
AUSART2 synchronous data (see related TX2/CK2).
SEG28 output for LCD.
RG3/SEG27
RG3
SEG27
6
I/O
O
ST
Analog
Digital I/O.
SEG27 output for LCD.
RG4/SEG26
RG4
SEG26
8
I/O
O
ST
Analog
Digital I/O.
SEG26 output for LCD.
RG5
See MCLR/VPP/RG5 pin.
VSS
9, 25, 41, 56
P
—
Ground reference for logic and I/O pins.
VDD
10, 26, 38, 57
P
—
Positive supply for logic and I/O pins.
AVSS
20
P
—
Ground reference for analog modules.
AVDD
19
P
—
Positive supply for analog modules.
TABLE 1-2:
PIC18F6X90 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
Legend: TTL = TTL compatible input
CMOS
= CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
Note 1:
Default assignment for CCP2 when configuration bit CCP2MX is set.
2:
Alternate assignment for CCP2 when configuration bit CCP2MX is cleared.