Electronic Components Datasheet Search
  English  ▼

X  

TL59 Datasheet(PDF) 1 Page - E-SWITCH

Part # TL59
Description  TACT SWITCHES RADIAL LEAD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL59 Datasheet(HTML) 1 Page - E-SWITCH

  TL59 Datasheet HTML 1Page - E-SWITCH TL59 Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.e-switch.com
info@e-switch.com
27
SERIES TL59/TL58 SWITCHES
Specifications subject to change without notice.
SERIES
OPERATING
FORCE
CONTACT
MATERIAL
ACTUATOR
("L" Dimension)
59
F100
F160
F260
Q = Silver
MODEL NO.
TL
Example Ordering Number
TL _ 59_ N_ F160 _ Q
TACT SWITCHES RADIAL LEAD
SPECIFICATIONS
Contact Rating:
50mA @ 12 VDC
Life Expectancy:
100,000 cycles
Contact Resistance:
100mΩ max., typical @ 2-4 VDC
100mA for both silver plated contacts
Insulation Resistance:
100mΩ min.
Dielectric Strength:
250 VAC
Actuation Force:
100 ± 50 gf, 160 ± 50 gf, 260 ± 50 gf
Operating Temperature: -20°C to 70°C
Travel:
0.25 Typ
MATERIALS
Housing:
Polybutylene Terephthalate (PBT) or 6/6 Nylon
Actuator:
Polybutylene Terephthalate (PBT) or 6/6 Nylon
Bracket/Cover:
Tin plated steel
Contacts:
Silver plated phosphor bronze
Terminals:
Silver plated brass
HOW TO ORDER
N= 4.3mm
A= 5.0mm
B= 9.5mm
C= 8.0mm
F= 7.0mm
E= 7.3mm
P= 8.5mm
SP = 2.8mm
58
Right Angle
F100
F160
F260
Q = Silver
V = 3.85mm
W = 3.15mm
X = 4.75mm
TL
TL
FEATURES & BENEFITS
Designed for automatic feed
Radial lead packaging
APPLICATIONS/MARKETS
Telecommunications
Consumer Electronics
Audio/visual
Medical
Testing/instrumentation
Computer/servers/peripherals
– Square Snap-on Actuator Head
“L” Dimension is 7.5mm


Similar Part No. - TL59

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL592 TI1-TL592 Datasheet
95Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
TL592B TI-TL592B Datasheet
339Kb / 11P
DIFFERENTIAL VIDEO AMPLIFIER
TL592B TI2-TL592B Datasheet
611Kb / 17P
DIFFERENTIAL VIDEO AMPLIFIER
REVISED APRIL 2008
TL592B-8D TI-TL592B-8D Datasheet
339Kb / 11P
DIFFERENTIAL VIDEO AMPLIFIER
TL592B-8D TI2-TL592B-8D Datasheet
611Kb / 17P
DIFFERENTIAL VIDEO AMPLIFIER
REVISED APRIL 2008
More results

Similar Description - TL59

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
TACT SWITCHES
logo
List of Unclassifed Man...
PHAP33 ETC2-PHAP33 Datasheet
403Kb / 14P
Tact switches
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
TACT SWITCHES
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
TACT SWITCHES
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
TACT SWITCHES
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
TACT SWITCHES
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
TACT SWITCHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com