Electronic Components Datasheet Search
  English  ▼

X  

PIC18F4580 Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC18F4580
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580 Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC18F4580 Datasheet HTML 80Page - Microchip Technology PIC18F4580 Datasheet HTML 81Page - Microchip Technology PIC18F4580 Datasheet HTML 82Page - Microchip Technology PIC18F4580 Datasheet HTML 83Page - Microchip Technology PIC18F4580 Datasheet HTML 84Page - Microchip Technology PIC18F4580 Datasheet HTML 85Page - Microchip Technology PIC18F4580 Datasheet HTML 86Page - Microchip Technology PIC18F4580 Datasheet HTML 87Page - Microchip Technology PIC18F4580 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 483 page
background image
PIC18F2480/2580/4480/4580
DS39637C-page 82
Preliminary
© 2007 Microchip Technology Inc.
TXB1D1
TXB1D17
TXB1D16
TXB1D15
TXB1D14
TXB1D13
TXB1D12
TXB1D11
TXB1D10
xxxx xxxx
54, 284
TXB1D0
TXB1D07
TXB1D06
TXB1D05
TXB1D04
TXB1D03
TXB1D02
TXB1D01
TXB1D00
xxxx xxxx
54, 284
TXB1DLC
—TXRTR
—
—
DLC3
DLC2
DLC1
DLC0
-x-- xxxx
54, 285
TXB1EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
54, 284
TXB1EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
54, 283
TXB1SIDL
SID2
SID1
SID0
—EXIDE
—EID17
EID16
xxx- x-xx
54, 283
TXB1SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
54, 283
TXB1CON
TXBIF
TXABT
TXLARB
TXERR
TXREQ
—
TXPRI1
TXPRI0
0000 0-00
54, 282
TXB2D7
TXB2D77
TXB2D76
TXB2D75
TXB2D74
TXB2D73
TXB2D72
TXB2D71
TXB2D70
xxxx xxxx
54, 284
TXB2D6
TXB2D67
TXB2D66
TXB2D65
TXB2D64
TXB2D63
TXB2D62
TXB2D61
TXB2D60
xxxx xxxx
55, 284
TXB2D5
TXB2D57
TXB2D56
TXB2D55
TXB2D54
TXB2D53
TXB2D52
TXB2D51
TXB2D50
xxxx xxxx
55, 284
TXB2D4
TXB2D47
TXB2D46
TXB2D45
TXB2D44
TXB2D43
TXB2D42
TXB2D41
TXB2D40
xxxx xxxx
55, 284
TXB2D3
TXB2D37
TXB2D36
TXB2D35
TXB2D34
TXB2D33
TXB2D32
TXB2D31
TXB2D30
xxxx xxxx
55, 284
TXB2D2
TXB2D27
TXB2D26
TXB2D25
TXB2D24
TXB2D23
TXB2D22
TXB2D21
TXB2D20
xxxx xxxx
55, 284
TXB2D1
TXB2D17
TXB2D16
TXB2D15
TXB2D14
TXB2D13
TXB2D12
TXB2D11
TXB2D10
xxxx xxxx
55, 284
TXB2D0
TXB2D07
TXB2D06
TXB2D05
TXB2D04
TXB2D03
TXB2D02
TXB2D01
TXB2D00
xxxx xxxx
55, 284
TXB2DLC
—TXRTR
—
—
DLC3
DLC2
DLC1
DLC0
-x-- xxxx
55, 285
TXB2EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
55, 284
TXB2EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
55, 283
TXB2SIDL
SID2
SID1
SID0
—EXIDE
—EID17
EID16
xxxx x-xx
55, 283
TXB2SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxx- x-xx
55, 283
TXB2CON
TXBIF
TXABT
TXLARB
TXERR
TXREQ
—
TXPRI1
TXPRI0
0000 0-00
55, 282
RXM1EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
55, 304
RXM1EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
55, 304
RXM1SIDL
SID2
SID1
SID0
—
EXIDEN
—EID17
EID16
xxx- x-xx
55, 304
RXM1SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
55, 304
RXM0EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
55, 304
RXM0EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
55, 304
RXM0SIDL
SID2
SID1
SID0
—
EXIDEN
—EID17
EID16
xxx- x-xx
55, 304
RXM0SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
55, 303
RXF5EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
55, 303
RXF5EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
55, 303
RXF5SIDL
SID2
SID1
SID0
—
EXIDEN
—EID17
EID16
xxx- x-xx
55, 302
RXF5SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
55, 302
RXF4EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
55, 303
RXF4EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
55, 303
RXF4SIDL
SID2
SID1
SID0
—
EXIDEN
—EID17
EID16
xxx- x-xx
55, 302
RXF4SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
55, 302
RXF3EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
55, 303
RXF3EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
55, 303
RXF3SIDL
SID2
SID1
SID0
—
EXIDEN
—EID17
EID16
xxx- x-xx
56, 302
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2480/2580/4480/4580) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
Page:
Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
2:
The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise it is disabled and reads as ‘0’. See Section 4.4 “Brown-out Reset (BOR)”.
3:
These registers and/or bits are not implemented on PIC18F2X80 devices and are read as ‘0’. Reset values are shown for PIC18F4X80 devices;
individual unimplemented bits should be interpreted as ‘—’.
4:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See Section 2.6.4 “PLL in INTOSC
Modes”.
5:
The RE3 bit is only available when Master Clear Reset is disabled (CONFIG3H<7> = 0); otherwise, RE3 reads as ‘0’. This bit is read-only.
6:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes. When
disabled, these bits read as ‘0’.
7:
CAN bits have multiple functions depending on the selected mode of the CAN module.
8:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.
9:
These registers are available on PIC18F4X80 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com