Electronic Components Datasheet Search
  English  ▼

X  

TC1271AMVCTTR Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1271AMVCTTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271AMVCTTR Datasheet(HTML) 5 Page - Microchip Technology

  TC1271AMVCTTR Datasheet HTML 1Page - Microchip Technology TC1271AMVCTTR Datasheet HTML 2Page - Microchip Technology TC1271AMVCTTR Datasheet HTML 3Page - Microchip Technology TC1271AMVCTTR Datasheet HTML 4Page - Microchip Technology TC1271AMVCTTR Datasheet HTML 5Page - Microchip Technology TC1271AMVCTTR Datasheet HTML 6Page - Microchip Technology TC1271AMVCTTR Datasheet HTML 7Page - Microchip Technology TC1271AMVCTTR Datasheet HTML 8Page - Microchip Technology TC1271AMVCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 5
TC1270A/70AN/71A
1.1.2
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 1-2:
MR PIN AND RESET PIN WAVEFORM
FIGURE 1-3:
DEVICE VOLTAGE AND RESET PIN (ACTIVE LOW) WAVEFORM
TABLE 1-1:
RESET AND DEVICE RESET TIMER REQUIREMENTS
Electrical Characteristics: Unless otherwise noted, VDD = 5V for L/M versions, VDD = 3.3V for T/S versions,
VDD = 3V for R version, TA = -40°C to +125°C. Typical values are at TA = +25°C.
Parameter
Sym
Min
Typ(1)
Max
Units
Test Conditions
V
DD to Reset Delay
tRD
—50
—
µs
VDD = VTRIP(MAX) to
VTRIP(MIN) –125 mV
Reset Active
Timeout
Period
TC127XAxBVyy (3)
tRST
1.09
2.19
4.38
ms
VDD = VTRIP(MAX)
TC127XAxCVyy (3)
17.5
35
70
ms
VDD = VTRIP(MAX)
TC127XAxVyy (3)
140
280
560
ms
VDD = VTRIP(MAX)
MR Minimum Pulse Width
tMR
10
—
—
µs
MR Noise Immunity
tMRNI
—0.1
—
µs
MR to Reset Propagation Delay
tMD
—0.2
—
µs
Note 1:
Unless otherwise stated, data in the Typical (“Typ”) column is at 5V, +25
°C.
2:
RST output for TC1270A, RST output for TC1271A.
3:
TC127XA refers to either the TC1270A, TC1270AN or TC1271A device. “x” indicated the selected Voltage
Trip Point, while “yy” indicates the package code.
MR
RST
tRST
tMR
RST
tMD
tMRNI
VTRIP(MAX)
VTRIP(MIN)
1V
VDD
VTRIP
tRST
RST(1)
RST
tRST
tRD
VDD < 1V is outside the device operating specification. The RST (or RST) output state is unknown while VDD < 1V.
Note 1:
The TC1270AN requires an external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com