Electronic Components Datasheet Search
  English  ▼

X  

24LC256-ESM Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LC256-ESM
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256-ESM Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LC256-ESM Datasheet HTML 9Page - Microchip Technology 24LC256-ESM Datasheet HTML 10Page - Microchip Technology 24LC256-ESM Datasheet HTML 11Page - Microchip Technology 24LC256-ESM Datasheet HTML 12Page - Microchip Technology 24LC256-ESM Datasheet HTML 13Page - Microchip Technology 24LC256-ESM Datasheet HTML 14Page - Microchip Technology 24LC256-ESM Datasheet HTML 15Page - Microchip Technology 24LC256-ESM Datasheet HTML 16Page - Microchip Technology 24LC256-ESM Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21930B-page 13
24AAXX/24LCXX/24FCXX
5.6
Device Addressing For Devices
Without Functional Address Pins
A control byte is the first byte received following the
Start condition from the master device (Figure 5-3).
The control byte begins with a four-bit control code. For
the 24XX, this is set as ‘1010
’ binary for read and write
operations. The next three bits of the control byte are
the block-select bits (B2, B1, B0). They are used by the
master device to select which of the 256-word blocks of
memory are to be accessed. These bits are in effect the
three Most Significant bits of the word address. Note
that B2, B1 and B0 are “don’t care” for the 24XX00, the
24XX01 and 24XX02. B2 and B1 are “don’t care” for
the 24XX04. B2 is “don’t care” for the 24XX08.
The last bit of the control byte defines the operation to
be performed. When set to ‘1’, a read operation is
selected. When set to ‘0’ a write operation is selected.
Following the Start condition, the 24XX monitors the
SDA bus. Upon receiving a ‘1010
’ code, the block
select bits and the R/W bit, the slave device outputs an
Acknowledge signal on the SDA line. The address byte
follows the acknowledge.
FIGURE 5-3:
CONTROL AND ADDRESS BYTE ASSIGNMENTS FOR
DEVICES WITHOUT ADDRESS PINS
S
10
1
0
x
x
x
R/W
ACK
S
10
1
0
x
x
x
R/W
ACK
S
10
1
0
x
x
x
R/W
ACK
S
10
1
0
x
x
B0
R/W
ACK
S
10
1
0
x
B1 B0
R/W
ACK
S
10
1
0
B2 B1 B0
R/W
ACK
24XX01
24XX02
24XX04
24XX08
24XX016
x
= “don’t care” bit
Acknowledge
Control Code
Start bit
Control Byte
Block Select bits
Address Byte
24XX00
Read/Write bit (read = 1, write = 0)
xx
x
x
A3
.
.
A0
x
A6
.
.
.
.
.
A0
A7
.
.
.
.
.
.
A0
A7
.
.
.
.
.
.
A0
A7
.
.
.
.
.
.
A0
A7
.
.
.
.
.
.
A0
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com