Electronic Components Datasheet Search
  English  ▼

X  

RS31309C Datasheet(PDF) 2 Page - Reed Semiconductor Corp.

Part # RS31309C
Description  Simple 3.3V/5V/12V 4A eFuse Protection Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.

RS31309C Datasheet(HTML) 2 Page - Reed Semiconductor Corp.

  RS31309C Datasheet HTML 1Page - Reed Semiconductor Corp. RS31309C Datasheet HTML 2Page - Reed Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RS31211/212/309/311 A0
DATASHEET
Reed Semiconductor, All Rights Reserved
Device Comparison Table
Part Number
Output OV
Protection
Enable
QOD
(Quick output Discharge)
RS31211A
3.8V
Latch
Active high
No
RS31211B
3.8V
Auto retry
Active high
No
RS31211D
3.8V
Auto retry
Active high
Yes
RS31212A
5.7V
Latch
Active high
No
RS31212B
5.7V
Auto retry
Active high
No
RS31212C
5.7V
Auto retry
Active Low
No
RS31212D
5.7V
Auto retry
Active high
Yes
RS31309A
No OV
Latch
Active high
No
RS31309B
No OV
Auto retry
Active high
No
RS31309C
Programmable
Latch
Active high
No
RS31311A
13.7V
Auto retry
Active high
No
RS31311B
13.7V
Auto retry
Active Low
No
Order Information
Part Number
Package
Size
Shipping Method
Package Marking
RS31211AR
WSON-8
2x2 mm
3000u Tape & Reel
211A
RS31211BR
WSON-8
2x2 mm
3000u Tape & Reel
211B
RS31211DR
WSON-8
2x2 mm
3000u Tape & Reel
211D
RS31212AR
WSON-8
2x2 mm
3000u Tape & Reel
212A
RS31212BR
WSON-8
2x2 mm
3000u Tape & Reel
212B
RS31212CR
WSON-8
2x2 mm
3000u Tape & Reel
212C
RS31212DR
WSON-8
2x2 mm
3000u Tape & Reel
212D
RS31309AR
WSON-8
2x2 mm
3000u Tape & Reel
309A
RS31309BR
WSON-8
2x2 mm
3000u Tape & Reel
309B
RS31309CR
WSON-8
2x2 mm
3000u Tape & Reel
309C
RS31311AR
WSON-8
2x2 mm
3000u Tape & Reel
311A
RS31311BR
WSON-8
2x2 mm
3000u Tape & Reel
311B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com