Electronic Components Datasheet Search
  English  ▼

X  

M25PX32 Datasheet(PDF) 54 Page - STMicroelectronics

Part # M25PX32
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button M25PX32 Datasheet HTML 50Page - STMicroelectronics M25PX32 Datasheet HTML 51Page - STMicroelectronics M25PX32 Datasheet HTML 52Page - STMicroelectronics M25PX32 Datasheet HTML 53Page - STMicroelectronics M25PX32 Datasheet HTML 54Page - STMicroelectronics M25PX32 Datasheet HTML 55Page - STMicroelectronics M25PX32 Datasheet HTML 56Page - STMicroelectronics M25PX32 Datasheet HTML 57Page - STMicroelectronics M25PX32 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
DC and AC parameters
M25PX32
54/63
Table 17.
AC characteristics(1)
Test conditions specified in Table 13 and Table 14
Symbol
Alt.
Parameter
Min.
Typ.(2)
Max.
Unit
fC
fC
Clock frequency for the following
instructions: DOFR, DIFP, FAST_READ,
SSE, SE, BE, DP, WREN, WRDI, RDID,
RDSR, WRSR, ROTP, PP, POTP, WRLR,
RDLR, RDP
D.C.
75
MHz
fR
Clock frequency for READ instructions
D.C.
33
MHz
tCH
(3)
tCLH Clock High time
6
ns
tCL
(2)
tCLL Clock Low time
6
ns
tCLCH
(4)
Clock rise time(5) (peak to peak)
0.1
V/ns
tCHCL
(4)
Clock fall time(5) (peak to peak)
0.1
V/ns
tSLCH
tCSS S active setup time (relative to C)
5
ns
tCHSL
S not active hold time (relative to C)
5
ns
tDVCH
tDSU Data In setup time
2
ns
tCHDX
tDH Data In hold time
5
ns
tCHSH
S active hold time (relative to C)
5
ns
tSHCH
S not active setup time (relative to C)
5
ns
tSHSL
tCSH S deselect time
100
ns
tSHQZ
(4)
tDIS Output Disable time
8
ns
tCLQV
tV
Clock Low to Output valid under 30 pF
8
ns
Clock Low to Output valid under 10 pF
6
ns
tCLQX
tHO Output hold time
0
ns
tHLCH
HOLD setup time (relative to C)
5
ns
tCHHH
HOLD hold time (relative to C)
5
ns
tHHCH
HOLD setup time (relative to C)
5
ns
tCHHL
HOLD hold time (relative to C)
5
ns
tHHQX
(4)
tLZ
HOLD to Output Low-Z
8
ns
tHLQZ
(4)
tHZ
HOLD to Output High-Z
8
ns
tWHSL
(6)
Write Protect setup time
20
ns
tSHWL
(6)
Write Protect hold time
100
ns
tVPPHSL
(7)
Enhanced Program supply voltage High
(VPPH) to Chip Select Low
200
ns
tDP
(4)
S High to Deep Power-down mode
3
µs
tRDP
(4)
S High to Standby mode
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com