Electronic Components Datasheet Search
  English  ▼

X  

TC1271ARCVRCTR Datasheet(PDF) 17 Page - Microchip Technology

Part # TC1271ARCVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271ARCVRCTR Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC1271ARCVRCTR Datasheet HTML 13Page - Microchip Technology TC1271ARCVRCTR Datasheet HTML 14Page - Microchip Technology TC1271ARCVRCTR Datasheet HTML 15Page - Microchip Technology TC1271ARCVRCTR Datasheet HTML 16Page - Microchip Technology TC1271ARCVRCTR Datasheet HTML 17Page - Microchip Technology TC1271ARCVRCTR Datasheet HTML 18Page - Microchip Technology TC1271ARCVRCTR Datasheet HTML 19Page - Microchip Technology TC1271ARCVRCTR Datasheet HTML 20Page - Microchip Technology TC1271ARCVRCTR Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 17
TC1270A/70AN/71A
4.0
DEVICE OPERATION
4.1
General Description
For many of today’s microcontroller applications, care
must be taken to prevent low-power conditions that can
cause many different system problems. The most
common causes are brown-out conditions, where the
system supply drops below the operating level
momentarily. The second most common cause is when
a slowly decaying power supply causes the microcon-
troller to begin executing instructions without sufficient
voltage to sustain volatile memory (RAM), thus
producing indeterminate results.
The TC127XA family (TC1270A, TC1270AN, and
TC1271A)
are
cost-effective
voltage
supervisor
devices designed to keep a microcontroller in Reset
until the system voltage has reached and stabilized at
the proper level for reliable system operation. These
devices also operate as protection from brown-out
conditions when the system supply voltage drops
below a safe operating level.
A Manual Reset input (MR pin) is provided. This allows
a push button switch to be directly connected to the
TC127XA device, and is suitable for use as a push
button Reset. This allows the system to easily be reset
from the external control of the push button switch. No
external components are required.
The Reset pin (RST or RST) will be forced active, if any
of the following occur:
• During device power up
•VDD goes below the device threshold voltage
• The Manual Reset input (MR) goes low
Figure 4-1 shows a high level block diagram of the
devices. The device can be described with three
functional blocks. These are:
• Voltage Detect circuit
• Manual Reset with Glitch Filter circuit
• Reset Generator circuit
The Reset Generator circuit controls the reset delay
time of the reset output signal.
There are three Reset Delay time options. Depending
on the option, the reset signal (RST/RST pin) will be
held active for a minimum of 1.09 ms, 17.5 ms, or
140 ms.
The TC1271A has an active-high RST output while the
TC1270A and TC1270AN have an active-low RST
output.
The TC1270A and TC1271A have a push-pull output
driver, while the TC1270AN has an open-drain output.
Figure 4-2 shows a typical circuit for a push-pull device
and Figure 4-3 shows a typical circuit for an open-drain
device.
FIGURE 4-1:
TC127XA High Level Block
Diagram.
FIGURE 4-2:
Typical Push-Pull
Application Circuit.
FIGURE 4-3:
Typical Open-Drain
Application Circuit.
The TC1270A and TC1271A devices are available in a
4-Pin SOT-143 package to maintain footprint compati-
bility with the TC1270, TC1271, TCM811, and TCM812
devices, and the SOT-23-5 package. The TC1270AN is
only available in the SOT-23-5 package.
Low supply current makes these devices suitable for
battery powered applications.
Device specific block diagrams are shown in Figure 4-4
through Figure 4-6.
VDD
MR
RST
RST
Voltage
Detector
Reset
Circuit
Manual Reset
with Glitch
Filter Circuit
Generator
Circuit
or
VRST
MRRST
Push
Button
MR
VSS
VSS
VDD
VDD
Reset Input
TC1270A/1A
VDD
0.1 µF
RST
or
RST
Push
Button
MR
VSS
VSS
VDD
VDD
RST
Reset Input
TC1270AN
VDD
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com