Electronic Components Datasheet Search
  English  ▼

X  

MAX1483 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1483
Description  20μA, 1⁄8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1483 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1483 Datasheet HTML 1Page - Maxim Integrated Products MAX1483 Datasheet HTML 2Page - Maxim Integrated Products MAX1483 Datasheet HTML 3Page - Maxim Integrated Products MAX1483 Datasheet HTML 4Page - Maxim Integrated Products MAX1483 Datasheet HTML 5Page - Maxim Integrated Products MAX1483 Datasheet HTML 6Page - Maxim Integrated Products MAX1483 Datasheet HTML 7Page - Maxim Integrated Products MAX1483 Datasheet HTML 8Page - Maxim Integrated Products MAX1483 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
20µA, 1⁄8-Unit-Load, Slew-Rate-Limited
RS-485 Transceivers
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
SWITCHING CHARACTERISTICS
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
MAX1482,
RE = 0V or VCC
0V
≤ VO ≤ VCC
MAX1483,
RE = 0V or VCC
DE = 0V, RE = VCC
DI = high or low, -7V
≤ VO ≤ 12V (Note 2)
CONDITIONS
55
85
20
35
25
45
mA
±7
±95
IOSR
Receiver Short-Circuit Current
µA
20
35
ICC
No-Load Supply Current
µA
0.1
10
ISHDN
Supply Current in Shutdown
mA
35
250
IOSD
Driver Short-Circuit Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DE = VCC
DE = 0V
DE = VCC
DE = 0V
Figures 4 and 6, CL = 15pF, S2 closed
Figures 4 and 6, CL = 15pF, S1 closed
Figures 4 and 6, CL = 100pF, S1 closed
Figures 4 and 6, CL = 100pF, S2 closed
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Driver Enable to Output High
tZH
0.2
2
Driver Output Skew to Output
tR, tF
0.25
2
µs
Driver Enable to Output Low
tZL
0.1
2
µs
Driver Disable Time from Low
tLZ
0.3
3.0
µs
Driver Disable Time from High
tHZ
0.3
3.0
µs
Driver Input to Output
tPLH
2
tSKEW
800
µs
CONDITIONS
Figures 3 and 5, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
Figures 3 and 5, RDIFF = 54
Ω, CL1 = CL2 = 100pF
µs
Figures 3 and 5, RDIFF = 54
Ω, CL1 = CL2 = 100pF
Driver Rise or Fall Time
tPHL
2
ns
Receiver Input to Output
tPLH, tPHL Figures 3 and 7, RDIFF = 54
Ω, CL1 = CL2 = 100pF
0.25
2.25
µs
| tPLH - tPHL | Differential
Receiver Skew
tSKD
Figures 3 and 7, RDIFF = 54
Ω, CL1 = CL2 = 100pF
160
ns
Receiver Enable to Output Low
tZL
Figures 2 and 8, CRL = 15pF, S1 closed
90
ns
Receiver Enable to Output High
tZH
Figures 2 and 8, CRL = 15pF, S2 closed
90
ns
Receiver Disable Time from Low
tLZ
Figures 2 and 8, CRL = 15pF, S1 closed
90
ns
Receiver Disable Time from High
tHZ
Figures 2 and 8, CRL = 15pF, S2 closed
90
ns
Maximum Data Rate
fMAX
250
kbps
Time to Shutdown
tSHDN
(Note 3)
50
200
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) Figures 4 and 6, CL = 100pF, S2 closed
2
µs
Driver Enable from Shutdown to
Output Low
tZL(SHDN)
Figures 4 and 6, CL = 100pF, S1 closed
2
µs
Receiver Enable from Shutdown
to Output High
tZH(SHDN)
Figures 2 and 8, CL = 15pF, S2 closed,
A - B = 2V
3
Receiver Enable from Shutdown
to Output Low
tZL(SHDN)
Figures 2 and 8, CL = 15pF, S1 closed,
B - A = 2V
3
µs
µs
Note 2: Applies to peak current. See Typical Operating Characteristics.
Note 3: The MAX1482/MAX1483 are put into shutdown by bringing
–
R
—
E
–
high and DE low. If the inputs are in this state for less
than 50ns, the parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 600ns, the parts are
guaranteed to have entered shutdown. See Low-Power Shutdown Mode section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com