Electronic Components Datasheet Search
  English  ▼

X  

G62FP Datasheet(PDF) 2 Page - GTM CORPORATION

Part # G62FP
Description  CMOS Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G62FP Datasheet(HTML) 2 Page - GTM CORPORATION

  G62FP Datasheet HTML 1Page - GTM CORPORATION G62FP Datasheet HTML 2Page - GTM CORPORATION G62FP Datasheet HTML 3Page - GTM CORPORATION G62FP Datasheet HTML 4Page - GTM CORPORATION G62FP Datasheet HTML 5Page - GTM CORPORATION G62FP Datasheet HTML 6Page - GTM CORPORATION G62FP Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
G62FP
Page: 2/7
ISSUED DATE :2005/10/11
REVISED DATE :
Absolute Maximum Ratings Ta=25 ::::
Parameter
Symbol
Ratings
Unit
Input Voltage
VIN
12
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3 ~VIN+0.3
V
Operating Ambient Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +125
Continuous Total Power Dissipation
PD
300
mW
Electrical Characteristics Ta=25 ::::
G62FP-50 VOUT (T) =5.0V (Note1)
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Output Voltage
VOUT(E)
(Note2)
VIN=6.0V, IOUT=40mA
4.900
5.000
5.100
V
Max. Output Current
IOUT max
VIN=6V, VOUT(E) 4.5V
250
-
-
mA
Load Stability
VOUT
VIN=6V, IOUT=1mA to 100mA
-
40
80
mV
Vdif1
IOUT=100mA
-
120
300
Input-Output
Voltage Differential (Note3)
Vdif2
IOUT=200mA
-
380
600
mV
Supply Current
ISS
VIN=6V
-
2.0
5.0
A
Input Stability
VOUT
VIN*VOUT
IOUT=40mA
VIN=6V to 10V
-
0.2
0.3
%/V
Input Voltage
VIN
-
-
10
V
Output Voltage
Temperature
Characteristics
VOUT
Topr*VOUT
IOUT=40mA
-40 : Topr 85 :
-
±100
-
ppm/ :
Note 1: VOUT (T) =Specified Output Voltage.
2: VOUT (E) =Effective Output Voltage (i.e. the output voltage when “VOUT (T) +1.0V” is provided at the VIN pin while maintaining a
certain IOUT value).
3: Vdif=VIN
(Note4)-VOUT (E)
4: VIN1=The input voltage at the time 98% of VOUT (E) is output (input voltage has been gradually reduced).
G62FP-40 VOUT (T) =4.0V (Note1)
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Output Voltage
VOUT(E)
(Note2)
VIN=5.0V, IOUT=40mA
3.920
4.000
4.080
V
Max. Output Current
IOUT max
VIN=5V, VOUT(E) 3.6V
200
-
-
mA
Load Stability
VOUT
VIN=5V, IOUT=1mA to 100mA
-
45
90
mV
Vdif1
IOUT=100mA
-
170
330
Input-Output
Voltage Differential (Note3)
Vdif2
IOUT=200mA
-
400
630
mV
Supply Current
ISS
VIN=5V
-
2.0
4.5
A
Input Stability
VOUT
VIN*VOUT
IOUT=40mA
VIN=5V to 10V
-
0.2
0.3
%/V
Input Voltage
VIN
-
-
10
V
Output Voltage
Temperature
Characteristics
VOUT
Topr*VOUT
IOUT=40mA
-40 : Topr 85 :
-
±100
-
ppm/ :



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com