Electronic Components Datasheet Search
  English  ▼

X  

ML1012R Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # ML1012R
Description  FOR OPTICAL INFORMATION SYSTEMS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML1012R Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  ML1012R Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML1012R Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML1012R Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML1012R Datasheet HTML 4Page - Mitsubishi Electric Semiconductor ML1012R Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
( 1/ 5 )
Note1: The maximum rating means the limitation over which the laser should not be operated even instant time,
and this does not mean the guarantee of its lifetime. As for the reliability,please refer to the reliability report from Mitsubishi
Semiconductor Quality Assurance Department.
ML1XX2 SERIES
TYPE
NAME
ML1012R, ML1412R, ML120G2
FOR OPTICAL INFORMATION SYSTEMS
DESCRIPTION
• High Power: 30mW (CW), 50mW (pulse)
• Visible Light: 685nm (typ)
FEATURES
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25
°C)
Optical disc drive (High Density / High Speed)
APPLICATION
MITSUBISHI
ELECTRIC
Note2: TARGET SPEC /Condition Duty less than 50%,pulse width less than 1
µs
Note3: RL=the load resistance of photodiode for ML1012R and ML1412R
IFD
Forward current (Photodiode)
-
10
mA
Symbol
Parameter
Conditions
Ratings
Unit
Po
Light output power
CW
35
mW
Pulse(Note 2)
50
VRL
Reverse voltage (laser diode)
-
2
V
VRD
Reverse voltage (Photodiode)
-
30
V
Tc
Case temperature
-
-10~ +60
Tstg
Storage temperature
-
-40~ +100
as of February '00
(Note 1)
ML1XX2 is a high power AlGaInP semiconductor laser
which provides a stable, single transverse mode
oscillation with emission wavelength of 685-nm and
standard CW light output of 30mW.
ML1XX2 has a window-mirror-facet which improves
the maximum output power. That leads to highly
reliable and high-power operation.
°C
°C
mA
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
Ith
Threshold current
CW
-
35
mA
Iop
Operation current
CW,Po=30mW
-
80
mA
Slope efficiency
CW,Po=30mW
-
0.8
-
mW/mA
Peak wavelength
CW,Po=30mW
685
nm
Beam divergence angle
CW,Po=30mW
10
°
Beam divergence angle
CW,Po=30mW
20
°
Im
Monitoring output current
CW,Po=30mW
VRD=1V RL=10
Ω(Note 3)
0.3
ID
Dark current (Photodiode)
VRD=10V
-
0.5
uA
Ct
Capacitance (Photodiode)
VRD=5V
-
7-
pF
Vop
Operating voltage
CW,Po=30mW
2.4
3.0
V
2.0
700
60
120
670
12
7
25
16
0
0.05
1.5
θ//
(parallel)
(perpendicular)
(Photodiode)
λp
η
θ⊥


Similar Part No. - ML1012R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML1013 MITSUBISHI-ML1013 Datasheet
50Kb / 5P
FOR OPTICAL INFORMATION SYSTEM?
ML1013R MITSUBISHI-ML1013R Datasheet
50Kb / 5P
FOR OPTICAL INFORMATION SYSTEM?
ML1016R MITSUBISHI-ML1016R Datasheet
38Kb / 4P
FOR OPTICAL INFORMATION SYSTEMS
ML101J10 MITSUBISHI-ML101J10 Datasheet
165Kb / 2P
FOR OPTICAL INFORMATION SYSTEM
ML101J14 MITSUBISHI-ML101J14 Datasheet
68Kb / 5P
FOR OPTICAL INFORMATION SYSTEM?
More results

Similar Description - ML1012R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML1XX6 MITSUBISHI-ML1XX6 Datasheet
38Kb / 4P
FOR OPTICAL INFORMATION SYSTEMS
ML1XX8 MITSUBISHI-ML1XX8 Datasheet
47Kb / 3P
FOR OPTICAL INFORMATION SYSTEMS
ML4XX26 MITSUBISHI-ML4XX26 Datasheet
51Kb / 4P
FOR OPTICAL INFORMATION SYSTEMS
ML6XX16 MITSUBISHI-ML6XX16 Datasheet
34Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
ML6XX24 MITSUBISHI-ML6XX24 Datasheet
209Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS?
ML6XX25 MITSUBISHI-ML6XX25 Datasheet
87Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
ML6XX27 MITSUBISHI-ML6XX27 Datasheet
774Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS?
ML6XX28 MITSUBISHI-ML6XX28 Datasheet
21Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
ML101J27 MITSUBISHI-ML101J27 Datasheet
26Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML1XX22 MITSUBISHI-ML1XX22 Datasheet
89Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com