Electronic Components Datasheet Search
  English  ▼

X  

TDA8732 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8732
Description  NICAM-728 demodulator NIDEM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8732 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8732 Datasheet HTML 4Page - NXP Semiconductors TDA8732 Datasheet HTML 5Page - NXP Semiconductors TDA8732 Datasheet HTML 6Page - NXP Semiconductors TDA8732 Datasheet HTML 7Page - NXP Semiconductors TDA8732 Datasheet HTML 8Page - NXP Semiconductors TDA8732 Datasheet HTML 9Page - NXP Semiconductors TDA8732 Datasheet HTML 10Page - NXP Semiconductors TDA8732 Datasheet HTML 11Page - NXP Semiconductors TDA8732 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
April 1993
8
Philips Semiconductors
Product specification
NICAM-728 demodulator (NIDEM)
TDA8732
Rs
resonance resistance
note 1
15
−
40
Ω
Cm
motional capacitance
−
21
−
fF
Cp
parallel capacitance
−−
5pF
drive power level
−−
0.5
mW
CLKOSC
fclk
oscillator frequency
Cl = 15 pF
−
11.648
−
MHz
BIT
-RATE OSCILLATOR CRYSTAL
holder
RW 43
nominal frequency with specified
load
CL = 15 pF
fPAL I
PAL I
−
11.648
−
MHz
fPAL B, G
PAL B, G
−
11.648
−
MHz
vibration mode
fundamental
circuit condition
series resonance
adjustment tolerance on frequency
at 25
°C
−30
−
+30
10−6
temperature
0
−
70
°C
frequency stability over
temperature
−30
−
+30
10−6
CL
load capacitance
−
15
−
pF
Rs
resonance resistance
note 1
15
−
40
k
Ω
Cm
motional capacitance
−
21
−
fF
Cp
parallel capacitance
−−
5pF
drive level
−−
0.5
mW
Outputs
CFO
, SFO
RO
output impedance
f = 364 kHz
−
110
200
Ω
Vamp
signal amplitude (peak-to-peak
value)
0.8
1
−
V
CARLPF
VOL
LOW level output voltage
IOL = 100 µA
−−
0.4
V
VOH
HIGH level output voltage
IOH = −100 µAVCCD−1 V
−−
V
gm
φ1
phase comparator
transconductance gain
VO = 0.4 V to
VCCD − 1 V
100
125
−µA/rd
ILO
output leakage current for
π/4
phase shift
−5
−
5
µA
CLKLPF
VOL
LOW level output voltage
IOL = 100 µA
−−
0.4
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com